Electronic Components Datasheet Search
  English  ▼

X  

TST24RB01Z Datasheet(PDF) 65 Page - ITT Industries

Part # TST24RB01Z
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24RB01Z Datasheet(HTML) 65 Page - ITT Industries

Back Button TST24RB01Z Datasheet HTML 61Page - ITT Industries TST24RB01Z Datasheet HTML 62Page - ITT Industries TST24RB01Z Datasheet HTML 63Page - ITT Industries TST24RB01Z Datasheet HTML 64Page - ITT Industries TST24RB01Z Datasheet HTML 65Page - ITT Industries TST24RB01Z Datasheet HTML 66Page - ITT Industries TST24RB01Z Datasheet HTML 67Page - ITT Industries TST24RB01Z Datasheet HTML 68Page - ITT Industries TST24RB01Z Datasheet HTML 69Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
65
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
High Power
• For mixed Neptune and TNM layouts
• Full support tooling available
Coaxial
• Fits into standard Trident Cavities
• Full support tooling available
APK25
D Sub
TC
Technical and Performance Data
Supported wire sizes
AWG 12 to 20
AWG 8 to 14
-
Current rating
30 A
Up to 40 A
n/a
Contact Resistance
(initial)
2,5 m
W
*
2,5 m
W
Mechanical endurance Up to 200 insertions Up to 500 insertions
Up to 200 insertions
Body material
Copper Alloy
Copper Alloy
Brass
Retention spring
material
Stainless Steel
*
Beryllium Copper
Contact retention force
(minimum)
100 N
*
67 N
Plating Availability
Tin
Yes
-
-
Gold Flash
(0,1
µm)
-
-
-
Gold
-
0,76
µm
0,4
µm (pin)
0,75
µm (socket)
Connector/Contact Capability
Snap Together
Rectangular, Slimline
(TST) and Flame
Retardant (TFR)
-
-
Yes
Multiway (TM)
-
-
Yes
Ringlock (TR)
-
-
Yes
Neptune (TN)
Yes
-
Yes
Neptune Metal (TNM)
-
Yes
Yes
High Voltage (THV)
Yes
—
—
Page Number
71
71
72-73
Overview of Contacts
Cannon Trident Connectors
* For details please consult the factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com