Electronic Components Datasheet Search
  English  ▼

X  

TST24RB01Z Datasheet(PDF) 62 Page - ITT Industries

Part # TST24RB01Z
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24RB01Z Datasheet(HTML) 62 Page - ITT Industries

Back Button TST24RB01Z Datasheet HTML 58Page - ITT Industries TST24RB01Z Datasheet HTML 59Page - ITT Industries TST24RB01Z Datasheet HTML 60Page - ITT Industries TST24RB01Z Datasheet HTML 61Page - ITT Industries TST24RB01Z Datasheet HTML 62Page - ITT Industries TST24RB01Z Datasheet HTML 63Page - ITT Industries TST24RB01Z Datasheet HTML 64Page - ITT Industries TST24RB01Z Datasheet HTML 65Page - ITT Industries TST24RB01Z Datasheet HTML 66Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 96 page
background image
62
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Trident High Voltage (THV)
High Voltage 4-way for Power Contacts
• Standard and reversed version available.
• Uses APK Power contacts, see page 65.
• For sealing the receptacle use panel gasket, see page 51.
Shell Size
Type
Contact Layout
Part Number
Nomenclature
14
Standard Plug with Endbell*
04-00
192993-0702
THV6U14-0400P1L-02
14
Standard Receptacle*
04-00
192993-0704
THV0U14-0400S1L-02
14
Reversed Plug with Endbell**
04-00
192993-0706
THV6U14-0400S1L-02
14
Reversed Receptacle**
04-00
192993-0708
THV0U14-0400P1L-02
Shielded Endbell
Part Number (Pack of 100)
192993-0087
* Parts are VDE-qualified.
** Parts are not VDE-qualified.
High Voltage 4-way Jam Nut for Power Contacts
Information available upon request.
Dimensions: Standard Receptacle
Dimensions: Standard Plug with Endbell
42.5min
O-RING
CONUS RING
ENDBELL
SW 21
SEALING
CABLE GRIP
GLAND NUT
SW 22
11.6
34.8
22.8
28.5
Ø28
70.3
19.1
SW 21
SW 22
1.8
Ø
3.5
←
→



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com