Electronic Components Datasheet Search
  English  ▼

X  

TST24RB01Z Datasheet(PDF) 71 Page - ITT Industries

Part # TST24RB01Z
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24RB01Z Datasheet(HTML) 71 Page - ITT Industries

Back Button TST24RB01Z Datasheet HTML 67Page - ITT Industries TST24RB01Z Datasheet HTML 68Page - ITT Industries TST24RB01Z Datasheet HTML 69Page - ITT Industries TST24RB01Z Datasheet HTML 70Page - ITT Industries TST24RB01Z Datasheet HTML 71Page - ITT Industries TST24RB01Z Datasheet HTML 72Page - ITT Industries TST24RB01Z Datasheet HTML 73Page - ITT Industries TST24RB01Z Datasheet HTML 74Page - ITT Industries TST24RB01Z Datasheet HTML 75Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
71
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Cannon Trident Connectors
Power Contacts
APK
Power Contacts
• 30 A current rating.
• For use with Neptune connectors.
Socket
Pin
Part Number
Wire Range
Wire
Loose (100) Reeled (3000)
Insulation
Strip
mm2
Size
Contact Description*
Tin Plated
Tin Plated
Diameter
Length
0,50 - 1,00
20-18 AWG
Pin
APK-PB25A10
031-8717-020
121668-0000
1,40 (.055) - 2,00 (.078) 5,00 (.196)±0,25 (.009)
0,50 - 1,00
20-18 AWG
Socket
APK-SB25A10
031-8717-120
121668-0100
1,40 (.055) - 2,00 (.078) 5,00 (.196)±0,25 (.009)
1,50 - 2,50
16-14 AWG
Pin
APK-PB25A25
031-8717-021
121668-0001
2,00 (.078) - 2,90 (.114) 5,00 (.196)±0,25 (.009)
1,50 - 2,50
16-14 AWG
Socket
APK-SB25A25
031-8717-121
121668-0101
2,00 (.078) - 2,90 (.114) 5,00 (.196)±0,25 (.009)
2,50 - 4,00
14-12 AWG
Pin
APK-PB25A40
031-8717-022
121668-0002
2,90 (.114) - 3,60 (.141) 5,00 (.196)±0,25 (.009)
2,50 - 4,00
14-12 AWG
Socket
APK-SB25A40
031-8717-122
121668-0102
2,90 (.114) - 3,60 (.141) 5,00 (.196)±0,25 (.009)
* Referring to reeled contacts
Part Number
Current
(30 µin) 0,76µm
AB
Rating
Wire Size
Gold over Copper
A
AWG
DM130338
4,60 (.181)
5,84 (.230)
40 A
8 AWG
DM130339
2,54 (.100)
5,54 (.218)
20 A
12 AWG
Part Number
Current
(30 µin) 0,76µm
AB
Rating
Wire Size
Gold over Copper
A
AWG
DM130341
4,60 (.181)
5,84 (.230)
40 A
8 AWG
DM130342
2,54 (.100)
5,54 (.218)
20 A
12 AWG
Plug
Receptacle
D Subminiature Loose Contacts, Size 8- High Power-Crimp
Recommended Wire Trim Length
20,93 - 20,42
(.824 - .804)
Ø A
Ø B
Recommended Wire Trim Length
Note: For crimp tooling please consult the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com