Electronic Components Datasheet Search
  English  ▼

X  

TST24RB01Z Datasheet(PDF) 14 Page - ITT Industries

Part # TST24RB01Z
Description  A historical Achievement of technology Leadership
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TST24RB01Z Datasheet(HTML) 14 Page - ITT Industries

Back Button TST24RB01Z Datasheet HTML 10Page - ITT Industries TST24RB01Z Datasheet HTML 11Page - ITT Industries TST24RB01Z Datasheet HTML 12Page - ITT Industries TST24RB01Z Datasheet HTML 13Page - ITT Industries TST24RB01Z Datasheet HTML 14Page - ITT Industries TST24RB01Z Datasheet HTML 15Page - ITT Industries TST24RB01Z Datasheet HTML 16Page - ITT Industries TST24RB01Z Datasheet HTML 17Page - ITT Industries TST24RB01Z Datasheet HTML 18Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
14
Cannon Trident Connectors
Flame Retardant - Rectangular
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
This new connector series is compliant to railway
standards. The material properties are I2/F2
according to NFF16-101. These are low installed
cost connectors rated for up to 13 A and 250 V ac.
They are typically used for circuit board and
internal wiring applications. All flame retardant
connectors are RoHS Compliant.
Applications:
• Vehicle Dashboards.
• Circuit board connections.
• Internal connections.
• Railway.
• Lighting.
• Cabin Applications.
• Control Consoles.
Product Features
• Material properties I2/F2 according to NFF 16-101.
• Easy cost effective installation.
• Integrally molded latches and connector
polarization.
• Accepts formed (stamped) or machined contacts,
see page 64.
Operating Voltage1 Up to 250 V ac rms
Contact Current Rating2 Up to 13 A
Operating Temperature -55°C to +105°C (-67°F to +221°F) for free Plug and Receptacles
Insulation Resistance 5000MW min. at 500 V dc
Durability3 Up to 500 Mating Cylces
Connector Latching Force 150 N min. with latches engaged
Panel Retention Force 500 N min.
Flammability UL 94 V-0
1 Depends on contacts used, layout, and degree of pollution
2 Depends on number and type of contacts used
3 Depends on plating and type of contacts used
Performance Specifications
Materials and Finishes
Insulator
Grey PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com