Electronic Components Datasheet Search
  English  ▼

X  

B64290 Datasheet(PDF) 17 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 17 Page - EPCOS

Back Button B64290 Datasheet HTML 13Page - EPCOS B64290 Datasheet HTML 14Page - EPCOS B64290 Datasheet HTML 15Page - EPCOS B64290 Datasheet HTML 16Page - EPCOS B64290 Datasheet HTML 17Page - EPCOS B64290 Datasheet HTML 18Page - EPCOS B64290 Datasheet HTML 19Page - EPCOS B64290 Datasheet HTML 20Page - EPCOS B64290 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
17
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 20.0
 10.0  7.00 (mm)
R 0.787
 0.394  0.276 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 0.95 W/core
■
Epoxy coating
R 22.1
 13.7  6.35 (mm)
R 0.870
 0.539  0.250 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 0.85 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
20.0
0.4
10.0
0.25 7.00 0.3
0.787
0.016 0.394 0.010 0.276 0.012 uncoated1)
21.2 max.
8.95 min.
8.1 max.
0.835 max.
0.352 min.
0.319 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2130
25%
2200
B64290L0632X087
1.30
43.55
33.63
1465
7.6
N30
4160
25%
4300
B64290L0632X830
T35
5000
25%
5100
B64290L0632X035
T65
5050
30%
5200
B64290L0632X065
T37
6280
25%
6500
B64290L0632X037
T38
9740
30% 10000
B64290L0632X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
22.1
0.4
13.7
0.3
6.35
0.3
0.870
0.016 0.539 0.012 0.250 0.012 uncoated1)
23.3 max.
12.6 min.
7.4 max.
0.917 max.
0.496 min.
0.291 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1340
25%
2200
B64290L0638X087
2.07
54.15
26.17
1417
6.8
N30
2610
25%
4300
B64290L0638X830
T65
3160
30%
5200
B64290L0638X065
T35
3200
25%
5300
B64290L0638X035
T37
3950
25%
6500
B64290L0638X037
T38
6070
30% 10000
B64290L0638X038
B64290L0632
B64290L0638
R 22.1
 13.7  6.35
R 20.0
 10.0  7.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com