Electronic Components Datasheet Search
  English  ▼

X  

B64290 Datasheet(PDF) 24 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 24 Page - EPCOS

Back Button B64290 Datasheet HTML 20Page - EPCOS B64290 Datasheet HTML 21Page - EPCOS B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS B64290 Datasheet HTML 27Page - EPCOS B64290 Datasheet HTML 28Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
24
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 40.0
 24.0  16.0 (mm)
R 1.575
 0.945  0.630 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 7.6 W/core
■
Epoxy coating
R 41.8
 26.2  12.5 (mm)
R 1.646
 1.031  0.492 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 6 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
40.0
1.0
24.0
0.7
16.0
0.4
1.575
0.039 0.945 0.028 0.630 0.016 uncoated1)
41.8 max.
22.5 min.
17.2 max.
1.646 max.
0.886 min.
0.677 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
3590
25% 2200
B64290L0659X087
0.77
96.29
125.3
12070
61
N30
7000
25% 4300
B64290L0659X830
T65
8200
30% 5000
B64290L0659X065
T35
8200
25% 5000
B64290L0659X035
T37
9800
25% 6000
B64290L0659X037
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
41.8
1.0
26.2
0.6
12.5
0.3
1.646
0.039 1.031 0.024 0.492 0.012 uncoated1)
43.6 max.
24.8 min.
13.6 max.
1.717 max.
0.976 min.
0.535 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2560
25% 2200
B64290L0022X087
1.08
103.0
95.75
9862
50
N30
5000
25% 4300
B64290L0022X830
T65
5800
30% 5000
B64290L0022X065
T37
7000
25% 6000
B64290L0022X037
T38
11600
30% 10000
B64290L0022X038
B64290L0659
B64290L0022
R 41.8
 26.2  12.5
R 40.0
 24.0  16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com