Electronic Components Datasheet Search
  English  ▼

X  

B64290 Datasheet(PDF) 25 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 25 Page - EPCOS

Back Button B64290 Datasheet HTML 21Page - EPCOS B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS B64290 Datasheet HTML 27Page - EPCOS B64290 Datasheet HTML 28Page - EPCOS B64290 Datasheet HTML 29Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 50.0
 30.0  20.0 (mm)
R 1.969
 1.181  0.787 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 14.2 W/core
■
Epoxy coating
R 58.3
 32.0  18.0 (mm)
R 2.295
 1.260  0.709 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 19 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
50.0
1.0
30.0
0.7
20.0
0.5
1.969
0.039 1.181 0.028 0.787 0.020 uncoated1)
51.8 max.
28.5 min.
21.3 max.
2.039 max.
1.122 min.
0.839 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
1400
25% 700
B64290A0082X010
0.62
120.4
195.7
23560
120
N87
4460
25% 2200
B64290L0082X087
N30
8700
25% 4300
B64290L0082X830
T65
10000
30% 4900
B64290L0082X065
T37
12000
25% 6000
B64290L0082X037
T38
17400
30% 8500
B64290L0082X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
58.3
1.0
32.0
0.7
18.0
0.5
2.295
0.039 1.260 0.028 0.709 0.020 uncoated1)
60.1 max.
30.5 min.
19.3 max.
2.366 max.
1.201 min.
0.760 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
1500
25% 700
B64290A0043X010
0.58
134.0
230.0
30710
160
N87
4800
25% 2200
B64290L0043X087
N30
9300
25% 4300
B64290L0043X830
T37
13000
25% 6000
B64290L0043X037
B64290L0082
B64290L0043
R 58.3
 32.0  18.0
R 50.0
 30.0  20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com