Electronic Components Datasheet Search
  English  ▼

X  

B64290 Datasheet(PDF) 23 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 23 Page - EPCOS

Back Button B64290 Datasheet HTML 19Page - EPCOS B64290 Datasheet HTML 20Page - EPCOS B64290 Datasheet HTML 21Page - EPCOS B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS B64290 Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
23
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 36.0
 23.0  15.0 (mm)
R 1.417
 0.906  0.591 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 5.4 W/core
■
Epoxy coating
R 38.1
 19.05  12.7 (mm)
R 1.500
 0.750  0.500 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 6.5 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
36.0
0.7
23.0
0.5
15.0
0.4
1.417
0.028 0.906 0.020 0.591 0.016 uncoated1)
37.5 max.
21.7 min.
16.2 max.
1.476 max.
0.854 min.
0.638 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2940
25% 2200
B64290L0674X087
0.94
89.65
95.89
8597
43
N30
5750
25% 4300
B64290L0674X830
T65
6800
30% 5000
B64290L0674X065
T37
8000
25% 6000
B64290L0674X037
T38
13500
30% 10000
B64290L0674X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
38.1
0.5
19.05
0.4 12.7 0.3
1.500
0.020 0.750 0.016 0.500 0.012 uncoated1)
39.4 max.
17.85 min.
13.8 max.
1.551 max.
0.703 min.
0.543 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
3870
25% 2200
B64290L0668X087
0.71
82.97
116.2
9644
52
N30
7570
25% 4300
B64290L0668X830
T65
8800
30% 5000
B64290L0668X065
T37
10500
25% 6000
B64290L0668X037
T38
17600
30% 10000
B64290L0668X038
B64290L0674
B64290L0668
R 38.1
 19.05  12.7
R 36.0
 23.0  15.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com