Electronic Components Datasheet Search
  English  ▼

X  

B64290 Datasheet(PDF) 26 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 26 Page - EPCOS

Back Button B64290 Datasheet HTML 22Page - EPCOS B64290 Datasheet HTML 23Page - EPCOS B64290 Datasheet HTML 24Page - EPCOS B64290 Datasheet HTML 25Page - EPCOS B64290 Datasheet HTML 26Page - EPCOS B64290 Datasheet HTML 27Page - EPCOS B64290 Datasheet HTML 28Page - EPCOS B64290 Datasheet HTML 29Page - EPCOS B64290 Datasheet HTML 30Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
26
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
Epoxy coating
R 58.3
 40.8  17.6 (mm)
R 2.295
 1.606  0.693 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 14.5 W/core
■
Epoxy coating
R 58.3
 40.8  20.2 (mm)
R 2.295
 1.606  0.795 (inch)
Dimensions
Characteristics and ordering codes
N87: PV (200 mT, 100 kHz, 100 °C) < 16.6 W/core
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
58.3
1.0
40.8
0.8
17.6
0.4
2.295
0.039 1.606 0.031 0.693 0.016 uncoated1)
60.1 max.
39.2 min.
18.8 max.
2.366 max.
1.543 min.
0.740 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
900
25%
700
B64290A0040X010
1.00
152.4
152.4
23230
115
N87
2760
25% 2200
B64290L0040X087
N30
5400
25% 4300
B64290L0040X830
T65
6250
30% 5000
B64290L0040X065
T37
7160
25% 5700
B64290L0040X037
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
58.3
1.0
40.8
0.8
20.2
0.5
2.295
0.039 1.606 0.031 0.795 0.020 uncoated1)
60.1 max.
39.2 min.
21.5 max.
2.366 max.
1.543 min.
0.846 max.
coated
Mate-
rial
AL value
nH
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
l/A
mm –1
le
mm
Ae
mm2
Ve
mm3
K10
1000
25%
700
B64290A0042X010
0.87
152.4
174.9
26660
130
N87
3200
25% 2200
B64290L0042X087
N30
6200
25% 4300
B64290L0042X830
T65
7200
30% 5000
B64290L0042X065
T37
8000
25% 5600
B64290L0042X037
B64290L0040
B64290L0042
R 58.3
 40.8  20.2
R 58.3
 40.8  17.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com