Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111
Description  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111 Datasheet(HTML) 1 Page - Texas Instruments

  LMC7111 Datasheet HTML 1Page - Texas Instruments LMC7111 Datasheet HTML 2Page - Texas Instruments LMC7111 Datasheet HTML 3Page - Texas Instruments LMC7111 Datasheet HTML 4Page - Texas Instruments LMC7111 Datasheet HTML 5Page - Texas Instruments LMC7111 Datasheet HTML 6Page - Texas Instruments LMC7111 Datasheet HTML 7Page - Texas Instruments LMC7111 Datasheet HTML 8Page - Texas Instruments LMC7111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LMC7111
www.ti.com
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
Check for Samples: LMC7111
1
FEATURES
DESCRIPTION
The LMC7111 is a micropower CMOS operational
2
•
Tiny 5-Pin SOT-23 Package Saves Space
amplifier available in the space saving SOT-23
•
Very Wide Common Mode Input Range
package. This makes the LMC7111 ideal for space
•
Specified at 2.7V, 5V, and 10V
and weight critical designs. The wide common-mode
input
range
makes
it
easy
to
design
battery
•
Typical Supply Current 25
μA at 5V
monitoring circuits which sense signals above the V+
•
50 kHz Gain-Bandwidth at 5V
supply. The main benefits of the Tiny package are
•
Similar to Popular LMC6462
most apparent in small portable electronic devices,
such
as
mobile
phones,
pagers,
and
portable
•
Output to Within 20 mV of Supply Rail at 100k
computers. The tiny amplifiers can be placed on a
Load
board where they are needed, simplifying board
•
Good Capacitive Load Drive
layout.
APPLICATIONS
•
Mobile Communications
•
Portable Computing
•
Current Sensing for Battery Chargers
•
Voltage Reference Buffering
•
Sensor Interface
•
Stable Bias for GaAs RF Amps
Connection Diagram
Figure 1. 8-Pin PDIP
Figure 2. 5-Pin SOT-23
Top View
Top View
Figure 3. Actual Size
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC7111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
Tiny CMOS Operational Amplifier with Rail-to-Rail Input
logo
Texas Instruments
LMC7111 TI-LMC7111 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
LMC7111 TI2-LMC7111 Datasheet
1Mb / 35P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
REVISED MARCH 2016
LMC7111 TI2-LMC7111 Datasheet
1Mb / 31P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
REVISED FEBRUARY 2013
More results

Similar Description - LMC7111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
LMC6492 NSC-LMC6492 Datasheet
705Kb / 18P
CMOS Rail-to-Rail Input and Output Operational Amplifier
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
LMC7111 NSC-LMC7111 Datasheet
735Kb / 18P
Tiny CMOS Operational Amplifier with Rail-to-Rail Input
LMC7101 NSC-LMC7101_09 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC6484QML TI1-LMC6484QML Datasheet
2Mb / 28P
CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
SM73306 TI1-SM73306 Datasheet
918Kb / 22P
SM73306 CMOS Rail-to-Rail Input and Output Operational Amplifier
108335 TI-108335 Datasheet
1Mb / 21P
Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
National Semiconductor ...
LMC7111 NSC-LMC7111_14 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7111 TI1-LMC7111 Datasheet
1Mb / 26P
LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com