Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111
Description  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMC7111 Datasheet HTML 14Page - Texas Instruments LMC7111 Datasheet HTML 15Page - Texas Instruments LMC7111 Datasheet HTML 16Page - Texas Instruments LMC7111 Datasheet HTML 17Page - Texas Instruments LMC7111 Datasheet HTML 18Page - Texas Instruments LMC7111 Datasheet HTML 19Page - Texas Instruments LMC7111 Datasheet HTML 20Page - Texas Instruments LMC7111 Datasheet HTML 21Page - Texas Instruments LMC7111 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LMC7111
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
•
Quiescent and dynamic supply current
•
Output swing dependence on loading conditions and many more characteristics as listed on the macro model
disk. Visit the LMC7111 product page on http://www.ti.com for the spice model.
ADDITIONAL SOT-23 TINY DEVICES
Additional parts are available in the space saving SOT-23 Tiny package, including amplifiers, voltage references,
and voltage regulators. These devices include—
LMC7101 1 MHz gain-bandwidth rail-to-rail input and output amplifier—high input impedance and high gain, 700
μA typical current 2.7V, 3V, 5V and 15V specifications.
LM7131 Tiny Video amp with 70 MHz gain bandwidth. Specified at 3V, 5V and ± 5V supplies.
LMC7211 Comparator in a tiny package with rail-to-rail input and push-pull output. Typical supply current of 7
μA. Typical propagation delay of 7 μs. Specified at 2.7V, 5V and 15V supplies.
LMC7221 Comparator with an open drain output for use in mixed voltage systems. Similar to the LMC7211,
except the output can be used with a pull-up resistor to a voltage different than the supply voltage.
LP2980 Micropower SOT 50 mA Ultra Low-Dropout Regulator.
LM4040 Precision micropower shunt voltage reference. Fixed voltages of 2.5000V, 4.096V, 5.000V, 8.192V and
10.000V.
LM4041 Precision micropower shunt voltage reference 1.225V and adjustable.
Visit http://www.ti.com for more information.
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com