Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111
Description  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMC7111 Datasheet HTML 12Page - Texas Instruments LMC7111 Datasheet HTML 13Page - Texas Instruments LMC7111 Datasheet HTML 14Page - Texas Instruments LMC7111 Datasheet HTML 15Page - Texas Instruments LMC7111 Datasheet HTML 16Page - Texas Instruments LMC7111 Datasheet HTML 17Page - Texas Instruments LMC7111 Datasheet HTML 18Page - Texas Instruments LMC7111 Datasheet HTML 19Page - Texas Instruments LMC7111 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LMC7111
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
CAPACITIVE LOAD TOLERANCE
The LMC7111 can typically directly drive a 300 pF load with VS = 10V at unity gain without oscillating. The unity
gain follower is the most sensitive configuration. Direct capacitive loading reduces the phase margin of op-amps.
The combination of the op-amp's output impedance and the capacitive load induces phase lag. This results in
either an underdamped pulse response or oscillation.
Capacitive load compensation can be accomplished using resistive isolation as shown in Figure 53. This simple
technique is useful for isolating the capacitive input of multiplexers and A/D converters.
Figure 53. Resistive Isolation
of a 330 pF Capacitive Load
COMPENSATING FOR INPUT CAPACITANCE WHEN USING LARGE VALUE FEEDBACK
RESISTORS
When using very large value feedback resistors, (usually > 500 k
Ω) the large feed back resistance can react with
the input capacitance due to transducers, photodiodes, and circuit board parasitics to reduce phase margins.
The effect of input capacitance can be compensated for by adding a feedback capacitor. The feedback capacitor
(as in Figure 54), Cf is first estimated by:
(1)
or
R1 CIN ≤ R2 Cf
(2)
which typically provides significant overcompensation.
Printed circuit board stray capacitance may be larger or smaller than that of a breadboard, so the actual optimum
value for CF may be different. The values of CF should be checked on the actual circuit. (Refer to the LMC660
quad CMOS amplifier data sheet for a more detailed discussion.)
Figure 54. Cancelling the Effect of Input Capacitance
OUTPUT SWING
The output of the LMC7111 will go to within 100 mV of either power supply rail for a 10 k
Ω load and to 20 mV of
the rail for a 100 k
Ω load. This makes the LMC7111 useful for driving transistors which are connected to the
same power supply. By going very close to the supply, the LMC7111 can turn the transistors all the way on or all
the way off.
16
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMC7111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com