Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111
Description  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMC7111 Datasheet HTML 13Page - Texas Instruments LMC7111 Datasheet HTML 14Page - Texas Instruments LMC7111 Datasheet HTML 15Page - Texas Instruments LMC7111 Datasheet HTML 16Page - Texas Instruments LMC7111 Datasheet HTML 17Page - Texas Instruments LMC7111 Datasheet HTML 18Page - Texas Instruments LMC7111 Datasheet HTML 19Page - Texas Instruments LMC7111 Datasheet HTML 20Page - Texas Instruments LMC7111 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LMC7111
www.ti.com
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
BIASING GaAs RF AMPLIFIERS
The capacitive load capability, low current draw, and small size of the SOT-23 LMC7111 make it a good choice
for providing a stable negative bias to other integrated circuits.
The very small size of the LMC7111 and the LM4040 reference take up very little board space.
CF and Risolation prevent oscillations when driving capacitive loads.
Figure 55. Stable Negative Bias
REFERENCE BUFFER FOR A-TO-D CONVERTERS
The LMC7111 can be used as a voltage reference buffer for analog-to-digital converters. This works best for A-
to-D converters whose reference input is a static load, such as dual slope integrating A-to-Ds. Converters whose
reference input is a dynamic load (the reference current changes with time) may need a faster device, such as
the LMC7101 or the LMC7131.
The small size of the LMC7111 allows it to be placed close to the reference input. The low supply current (25
μA
typical) saves power.
For A-to-D reference inputs which require higher accuracy and lower offset voltage, please see the LMC6462
datasheet. The LMC6462 has performance similar to the LMC7111. The LMC6462 is available in two grades with
reduced input voltage offset.
DUAL AND QUAD DEVICES WITH SIMILAR PERFORMANCE
The LMC6462 and LMC6464 are dual and quad devices with performance similar to the LMC7111. They are
available in both conventional through-hole and surface mount packaging. Please see the LMC6462/4 datasheet
for details.
SPICE MACROMODEL
A SPICE macromodel is available for the LMC7111. This model includes simulation of:
•
Input common-mode voltage range
•
Frequency and transient response
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMC7111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com