Electronic Components Datasheet Search
  English  ▼

X  

LMC7111 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC7111
Description  LMC7111 Tiny CMOS Operational Amplifier with Rail-to-Rail Input and Output
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC7111 Datasheet(HTML) 3 Page - Texas Instruments

  LMC7111 Datasheet HTML 1Page - Texas Instruments LMC7111 Datasheet HTML 2Page - Texas Instruments LMC7111 Datasheet HTML 3Page - Texas Instruments LMC7111 Datasheet HTML 4Page - Texas Instruments LMC7111 Datasheet HTML 5Page - Texas Instruments LMC7111 Datasheet HTML 6Page - Texas Instruments LMC7111 Datasheet HTML 7Page - Texas Instruments LMC7111 Datasheet HTML 8Page - Texas Instruments LMC7111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMC7111
www.ti.com
SNOS753E – AUGUST 1999 – REVISED MARCH 2013
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit(2)
Limit(2)
VCM
Input Common-Mode
V+ = 2.7V
−0.10
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
0.40
0.40
min
2.8
2.7
2.7
V
2.25
2.25
max
CIN
Common-Mode Input
3
pF
Capacitance
VO
Output Swing
V+ = 2.7V
2.69
2.68
2.68
V
RL = 100 kΩ
2.4
2.4
min
0.01
0.02
0.02
V
0.08
0.08
max
V+ = 2.7V
2.65
2.6
2.6
V
RL = 10 kΩ
2.4
2.4
min
0.03
0.1
0.1
V
0.3
0.3
max
ISC
Output Short Circuit Current
Sourcing, VO = 0V
7
1
1
mA
0.7
0.7
min
Sinking, VO = 2.7V
7
1
1
mA
0.7
0.7
min
AVOL
Voltage Gain
Sourcing
400
V/mv
min
Sinking
150
V/mv
min
IS
Supply Current
V+ = +2.7V,
20
45
50
μA
VO = V
+/2
60
65
max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 2.7V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit (2)
Limit(2)
SR
Slew Rate
See (3)
0.015
V/
μs
GBW
Gain-Bandwidth Product
40
kHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Connected as Voltage Follower with 1.0V step input. Number specified is the slower of the positive and negative slew rates. Input
referred, V+ = 2.7V and RL = 100 kΩ connected to 1.35V. Amp excited with 1 kHz to produce VO = 1 VPP.
3V DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 3V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
LMC7111AI
LMC7111BI
Units
Typ (1)
Limit(2)
Limit(2)
VCM
Input Common-Mode
V+ = 3V
−0.25
0.0
0.0
V
Voltage Range
For CMRR
≥ 50 dB
min
3.2
3.0
3.0
V
2.8
2.8
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com