Electronic Components Datasheet Search
  English  ▼

X  

TLC2574 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2574 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC2574 Datasheet HTML 19Page - Texas Instruments TLC2574 Datasheet HTML 20Page - Texas Instruments TLC2574 Datasheet HTML 21Page - Texas Instruments TLC2574 Datasheet HTML 22Page - Texas Instruments TLC2574 Datasheet HTML 23Page - Texas Instruments TLC2574 Datasheet HTML 24Page - Texas Instruments TLC2574 Datasheet HTML 25Page - Texas Instruments TLC2574 Datasheet HTML 26Page - Texas Instruments TLC2574 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
23
WWW.TI.COM
sampling period (continued)
Normal Long Sampling Mode: It is the same as normal short sampling, except that it lasts 44 SCLKs periods
to complete the sampling.
Extended Sampling Mode: The external signal, CSTART, triggers sampling and conversion. SCLK is not used
for sampling. SCLK is also not needed for conversion if the internal conversion clock is selected. The falling edge
of CSTART begins the sampling of the selected analog input. The sampling continues while CSTART is low.
The rising edge of CSTART ends the sampling, and starts the conversion (with about 15 ns internal delay). The
occurrence of CSTART is independent of SCLK clock, CS, and FS. However, the first CSTART cannot occur
before the rising edge of the 11th SCLK. In other words, the falling edge of first CSTART can happen at or after
the rising edge of 11th SCLK , but not before. The device enters the extended sampling mode at the falling edge
of CSTART and exits this mode once CSTART goes to high followed by two consecutive falling edges of CS
or two consecutive rising edges of FS (such as one read data operations followed by WRITE CFR). The first
CS or FS does not cause conversion. Extended mode is used when a fast SCLK is not suitable for sampling,
or when extended sampling period is needed to accommodate different input signal source impedance.
conversion period
The conversion period is the third portion of the operation cycle. It begins after the falling edge of 16th SCLK
for the normal short sampling mode, or after the falling edge of 48th SCLK for the normal long sampling, or on
the rising edge of CSTART (with 15 ns internal delay) for the extended sampling mode.
The conversion takes 18 conversion clocks plus 15 ns for TLC3574/78, 13 conversion clocks plus 15 ns for the
TLC2574/78. The conversion clock source can be an internal oscillator, OSC, or an external clock, SCLK. The
conversion clock is equal to the internal OSC if the internal clock is used, or equal to four SCLKs when the
external clock is programmed. To avoid the premature termination of conversion, enough time for the conversion
must be allowed between consecutive triggers. EOC goes to low at the beginning of the conversion period and
goes to high at the end of the conversion period. INT goes to low at the end of this period, too.
conversion mode
Four different conversion modes (mode 00, 01, 10, 11) are available. The operation of each mode is slightly
different, depending on how the converter samples and what host interface is used. Do not mix different types
of triggers throughout the repeat or sweep operations.
ONE SHOT Mode (Mode 00): Each operation cycle performs one sampling and one conversion for the selected
channel. FIFO is not used. When EOC is selected, it is generated while the conversion period is in progress.
Otherwise, INT is generated after the conversion is done. The result is output through the SDO pin during the
next select/conversion operation.
REPEAT Mode (Mode 01): Each operation cycle performs multiple samplings and conversions for a fixed
channel selected according to the 4-bit command. The results are stored in the FIFO. The number of samples
to be taken equals the FIFO threshold programmed via D[1:0] in CFR register. Once the threshold is reached,
INT is generated, and the operation ends. If the FIFO is not read after the conversions, the data is replaced in
the next operation. The operation of this mode starts with the WRITE CFR commands to set conversion mode
01, then the SELECT/CONVERSION commands, followed by a number of samplings and conversions of the
fixed channel (triggered by CS, FS, or CSTART) until the FIFO threshold is hit. If CS or FS triggers the sampling,
the data on SDI must be any one of the SELECT CHANNEL commands. However, this data is a dummy code
for setting the converter in conversion state. It does not change the existing channel selection set at the start
of the operation until the FIFO is full. After the operation finishes, the host can read the FIFO, then reselect the
channel and start the next REPEAT operation again; or immediately reselect the channel and start next REPEAT
operation (by issuing CS or FS or CSTART); or reconfigure the converter then start new operation according
to the new setting. If CSTART triggers the sampling, host can also immediately start the next REPEAT operation
(on the current channel) after the FIFO is full. Besides, if FS initiates the operation and CSTART triggers the
samplings and conversions, CS must not toggle during the conversion. This mode allows the host to set up the
converter, continue monitoring a fixed input, and to get a set of samples as needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com