Electronic Components Datasheet Search
  English  ▼

X  

TLC2574 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2574 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC2574 Datasheet HTML 29Page - Texas Instruments TLC2574 Datasheet HTML 30Page - Texas Instruments TLC2574 Datasheet HTML 31Page - Texas Instruments TLC2574 Datasheet HTML 32Page - Texas Instruments TLC2574 Datasheet HTML 33Page - Texas Instruments TLC2574 Datasheet HTML 34Page - Texas Instruments TLC2574 Datasheet HTML 35Page - Texas Instruments TLC2574 Datasheet HTML 36Page - Texas Instruments TLC2574 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
33
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 21
INTEGRAL NONLINEARITY
vs
DIGITAL OUTPUT CODE
Digital Output Code
0.5
−0.5
0
2000
4000
6000
8000
10000
1
1.5
2
12000
14000
16000
0
Reference = 4 V
AVDD = 5 V, TA = 25°C
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0
2000
4000
6000
8000
10000
12000
14000
16000
DIFFERENTIAL NONLINEARITY
vs
DIGITAL OUTPUT CODE
Digital Output Code
Reference = 4 V
AVDD = 5 V, TA = 25°C
Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com