Electronic Components Datasheet Search
  English  ▼

X  

TLC2574 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2574 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC2574 Datasheet HTML 26Page - Texas Instruments TLC2574 Datasheet HTML 27Page - Texas Instruments TLC2574 Datasheet HTML 28Page - Texas Instruments TLC2574 Datasheet HTML 29Page - Texas Instruments TLC2574 Datasheet HTML 30Page - Texas Instruments TLC2574 Datasheet HTML 31Page - Texas Instruments TLC2574 Datasheet HTML 32Page - Texas Instruments TLC2574 Datasheet HTML 33Page - Texas Instruments TLC2574 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
30
WWW.TI.COM
conversion operation (continued)
1st Sweep
1st FIFO Read
Configure
2nd FIFO Read
***
CH0
CH1
CH2
CH3
CH0
*
*
*
*
*
Hi-Z
***
Command = Configure Write for Mode 10, FIFO
Threshold = 1/2 Full, Sweep Sequence: 0−1−2−3
**
COMMAND = Select Any Channel
*
COMMAND = Read FIFO
**
**
**
**
**
**
**
**
Conversion
From CH0
Conversion
From CH3
Conversion
From CH0
Conversion
From CH3
2nd Sweep
Using Existing
Configuration
Read FIFO After FIFO Threshold Is Hit
CS
FS
SDI
INT
SDO
Don’t Care
Figure 16. Mode 10, FS Initiates Operations
1st Sweep
1st FIFO Read
Configure
2nd FIFO Read
Hi-Z
***
Command = Configure Write for Mode 10, FIFO
Threshold = 1/2 Full, Sweep Sequence: 0−0−2−2
**
COMMAND = Select Any Channel
*
COMMAND = Read FIFO
Conversion
From CH0
Conversion
From CH2
Conversion
From CH0
Conversion
From CH2
2nd Sweep
Using Existing
Configuration
Read FIFO After FIFO Threshold Is Hit, FS Initiates Select Period
CS Tied
to Low
FS
SDI
INT
***
CH0
CH0
CH2
CH2
CH0
*
*
*
*
*
**
SDO
**
CSTART
Don’t Care
Figure 17. Mode 10, CSTART Initiates Operations
START 2nd Round SWEEP CONVERSION,
the DATA of the 1st Round Are Lost
CS
FS=High
SDI
INT
SDO
READ the DATA of 2nd
Sweep From FIFO
CH1
CH3
CH2
CH0
START 2nd Sweep conversion immediately (NO FIFO READ) after the 1st SWEEP completed.
***
***
Command = Configure Write for Mode 11, FIFO
Threshold = 1/2 Full, Sweep Sequence: 0−1−2−3
**
COMMAND = Select Any Channel
*
COMMAND = Read FIFO
**
**
**
**
**
**
**
**
*
*
*
*
**
Configure
Conversion
From CH0
Conversion
From CH3
Conversion
From CH3
Conversion
From CH0
Conversion
From CH0
Don’t Care
Figure 18. Mode 11, CS Initiates Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com