Electronic Components Datasheet Search
  English  ▼

X  

TLC2574 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2574 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC2574 Datasheet HTML 23Page - Texas Instruments TLC2574 Datasheet HTML 24Page - Texas Instruments TLC2574 Datasheet HTML 25Page - Texas Instruments TLC2574 Datasheet HTML 26Page - Texas Instruments TLC2574 Datasheet HTML 27Page - Texas Instruments TLC2574 Datasheet HTML 28Page - Texas Instruments TLC2574 Datasheet HTML 29Page - Texas Instruments TLC2574 Datasheet HTML 30Page - Texas Instruments TLC2574 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
27
WWW.TI.COM
operation timing diagrams (continued)
12
3
5
46
7
13
14
15
16
1
ID15
1D14
ID13 1D12
12
ID15
ID14
ID11
ID10
ID9
ID4
ID3
ID2
ID1
ID0
OR
Don’t Care
CS
FS = High
SDI
INT
EOC
SDO
Hi-Z
The dotted lines means signal may or may not exist.
Figure 9. Write Cycle, CS Initiates Operation, FS = 1
FIFO READ Operation: When the FIFO is used, the first command after INT is generated is assumed to be
the FIFO READ. The first FIFO content is output immediately before the command is decoded. If this command
is not FIFO READ, the output is terminated. Using more layers of FIFO reduces the time taken to read multiple
conversion results, because the read cycle does not generate an EOC or INT, nor does it make a data
conversion. Once the FIFO is read, the entire contents in FIFO must be read out. Otherwise, the remaining data
is lost.
12
3
5
46
7
13
14
15
16
1
ID15
1D14
ID13
1D12
OD11 OD10 OD9
OD4
OD3
OD2
12
ID15
ID14
OD15 OD14 OD13 OD12
OD15 OD14
OR
SCLK
CS
FS = High
SDI
INT
EOC
SDO
OD[15:2] (for TLC3574/78) or OD[15:4](for TLC2574/78) is the FIFO content.
Don’t Care
Hi-Z
The dotted lines means signal may or may not exist.
Figure 10. FIFO Read Cycle, CS Initiates Operation, FS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com