Electronic Components Datasheet Search
  English  ▼

X  

TLC2574 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2574
Description  5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2574 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC2574 Datasheet HTML 21Page - Texas Instruments TLC2574 Datasheet HTML 22Page - Texas Instruments TLC2574 Datasheet HTML 23Page - Texas Instruments TLC2574 Datasheet HTML 24Page - Texas Instruments TLC2574 Datasheet HTML 25Page - Texas Instruments TLC2574 Datasheet HTML 26Page - Texas Instruments TLC2574 Datasheet HTML 27Page - Texas Instruments TLC2574 Datasheet HTML 28Page - Texas Instruments TLC2574 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
25
WWW.TI.COM
operation cycle timing
4 SCLKs
4-bit Command
12-bit CFR Data (Optional)
12 SCLKs for Short
44 SCLKs for Long
4 SCLKs
12 SCLKs for Short
44 SCLKs for Long
Delay From
SDI
2-bit Don’t Care
14-bit Data (Previous Conversion)
SDO
SDI
SDO
15 ns
15 nS
Active FS
t(setup)†
t(sample)
t(convert)
t(overhead)
t(delay)†
t(setup)†
t(sample)
t(convert)
t(overhead)
CSTAR (For Extended Sampling) occurs at
or after the rising edge of eleventh SCLK
CSTAR (For Extended Sampling) occurs at
or after the rising edge of eleventh SCLK
CS Initiates
Operation
FS Initiates
Operation
18 OSC for Internal OSC‡
72 SCLK for External Clock
18 OSC for Internal OSC‡
72 SCLK for External Clock
4-bit Command
12-bit CFR Data (Optional)
2-bit Don’t Care
Active CS (FS Is Tied to High)
Active CS (CS Can Be Tied to Low)
14-bit Data (Previous Conversion)
§
§
CS
Low to FS High
† Non JEDEC terms used.
‡ 18 internal OSC or 72 SCLK for TLC3574 and TLC3578,
13 internal OSC or 52 SCLK for TLC2574 and TLC2578.
§ For TLC3574 and TLC3578, 14-bits are result of previous conversion, last two bits are don’t care. For TLC2574 and TLC2578, 12-bits are result
of previous conversion, last four bits are don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com