Electronic Components Datasheet Search
  English  ▼

X  

WS1105 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1105
Description  CDMA Cell 3x3 Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1105 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button WS1105 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Peripheral Circuit in Handset
MSMPA_R0
RF Out
Output Matching Circuit
RF In
WS1105
C3
VBATT
+2.85V
C5
C4
C1
C8
C7
C6
L1
C2
Vcc2
Vcc1
Vcont
GND
Figure 10. Peripheral circuit
Notes :
– Recommended voltage for Vref is 2.85V
– Place C1 near to Vref pin
– Place C3 and C4 close to pin 1 (Vcc1) and pin 8 (Vcc2). These capacitors can affect the RF performance
– Use 50
: transmission line between PAM and Duplexer and make it as short as possible to reduce conduction loss
–
S-type circuit topology is good to use for matching circuit between PA and Duplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com