Electronic Components Datasheet Search
  English  ▼

X  

WS1105 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1105
Description  CDMA Cell 3x3 Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1105 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  WS1105 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Characteristics Data (Vcc=3.4V, Vref=2.85V, T=25°C, Zin/Zout=50ohm)
Figure 1. Total Current vs. Output Power
Figure 2. Gain vs. Output Power
Figure 3. Power Added Efficiency vs. Output Power
Figure 4. Adjacent Channel Power Ratio 1 vs. Output Power
Figure 5. Adjacent Channel Power Ratio 2 vs. Output Power
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
30
Pout(dBm)
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
Pout(dBm)
-85
-80
-75
-70
-65
-60
-55
-50
-45
0
5
10
15
20
25
30
Pout(dBm)
10
15
20
25
30
35
0
5
10
15
20
25
30
Pout(dBm)
-75
-70
-65
-60
-55
-50
-45
-40
0
5
10
15
20
25
30
Pout(dBm)
824MHz
836.5MHz
849MHz
824MHz
836.5MHz
849MHz
824MHz
836.5MHz
849MHz
824MHz
836.5MHz
849MHz
824MHz
836.5MHz
849MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com