Electronic Components Datasheet Search
  English  ▼

X  

WS1105 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1105
Description  CDMA Cell 3x3 Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1105 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button WS1105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
TIME
tp
t 25°C TO PEAK
ts
PREHEAT
TL
TP
Tsmax
Tsmin
tL
CRITICAL ZONE
TL TO TP
RAMP UP
RAMP DOWN
25
Figure 19. Typical SMT Reflow Profile for Maximum Temperature = 260 +0/-5°C
Table 7. Typical SMT Reflow Profile for Maximum Temperature = 260 +0/ -5°C
Profile Feature
Sn-Pb Solder
Pb-Free Solder
Average ramp-up rate (TL to TP)
3°C/sec max
3°C /sec max
Preheat
– Temperature Min (Tsmin)
– Temperature Max (Tsmax)
– Time (min to max) (ts)
100°C
150°C
60-120 sec
150°C
200°C
60-180 sec
Tsmax to TL
– Ramp-up Rate
3°C/sec max
Time maintained above:
– Temperature (TL)
– Time (TL)
183°C
60-150 sec
217°C
60-150 sec
Peak temperature (Tp)
240 +0/-5°C
260 +0/-5°C
Time within 5°C of actual Peak Temperature (tp)
10-30 sec
20-40 sec
Ramp-down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 min max.
8 min max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com