Electronic Components Datasheet Search
  English  ▼

X  

WS1105 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1105
Description  CDMA Cell 3x3 Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1105 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  WS1105 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Table 1. Absolute Maximum Ratings [1]
Parameter
Symbol
Min
Nominal
Max
Unit
RF Input Power
Pin
–
–
10.0
dBm
DC Supply Voltage
Vcc
0
3.4
5.0
V
Reference Voltage
Vref
0
2.85
3.3
V
Control Voltage
Vcont
0
2.85
3.3
V
Storage Temperature
Tstg
-55
–
+125
°C
Table 2. Recommended Operating Condition
Parameter
Symbol
Min
Nominal
Max
Unit
DC Supply Voltage
Vcc
3.2
3.4
4.2
V
DC Reference Voltage
Vref
2.75
2.85
2.95
V
Mode Control Voltage
– High Power Mode
– Low Power Mode
Vcont
Vcont
0
2.0
0
2.85
0.5
3.0
V
V
Operating Frequency
Fo
824
849
MHz
Ambient Temperature
Ta
-30
25
85
°C
Table 3. Power Range Truth Table
Power Mode
Symbol
Vref
Vcont [2]
Range
High Power Mode
PR2
2.85
Low
~ 28dBm
Low Power Mode
PR1
2.85
High
~ 16dBm
Shut Down Mode
–
0
–
–
Notes:
1. No damage assuming only one parameter is set at limit at a time with all other parameters set at or below nominal value.
2. High (2.0–3.0V), Low (0.0V–0.5V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com