Electronic Components Datasheet Search
  English  ▼

X  

WS1105 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # WS1105
Description  CDMA Cell 3x3 Power Amplifier Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

WS1105 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  WS1105 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED WS1105 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Table 4. Electrical Characteristics for CDMA Mode (Vcc=3.4V, Vref=2.85V, T=25°C, Zin/Zout=50ohm)
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Frequency Range
F
 
824
–
849
MHz
Gain
Gain_hi
High Power Mode,
Pout = 28 dBm
24
29.5
dB
Gain_low
Low Power Mode,
Pout = 16 dBm
14
17.5
dB
Power Added Efficiency
PAE_hi
High Power Mode,
Pout = 28 dBm
36
41.2
%
PAE_ low
Low Power Mode,
Pout = 16 dBm
13.6
17.7
%
Total Supply Current
Icc_hi
High Power Mode,
Pout = 28 dBm
450
515
mA
Icc_ low
Low Power Mode,
Pout = 16 dBm
65
85
mA
Quiescent Current
Iq_hi
High Power Mode
93
125
mA
Iq_ low
Low Power Mode
13
25
mA
Reference Current
Iref_hi
High Power Mode,
Pout = 28 dBm
27mA
Iref_low
Low Power Mode,
Pout = 16 dBm
38mA
Control Current
Icont
Low Power Mode,
Pout = 16 dBm
0.2
1
mA
Total Current in Power-down mode
Ipd
Vref=0V
0.2
5
PA
Adjacent Channel
Power Ratio
900 kHz offset
1.98 MHz offset
ACPR1_hi
ACPR2_hi
High Power Mode,
Pout = 28 dBm
-55
-59
-47
-57
dBc
dBc
900 kHz offset
1.98 MHz offset
ACPR1_ low
ACPR2_ low
Low Power Mode,
Pout = 16 dBm
-59
-66
-47
-57
dBc
dBc
Harmonic
Suppression
Second
Third
2f0
3f0
High Power Mode,
Pout = 28 dBm
-39
-56
-30
-40
dBc
dBc
Input VSWR
VSWR
 
2:1
2.5:1
Stability (Spurious Output)
S
VSWR 6:1, All phase
-60
dBc
Noise Power in Rx Band
RxBN
-136.5
-132
dBm/Hz
Ruggedness
Ru
No Damage
Pout<28dBm,
Pin<10dBm, All phase
High Power Mode
10:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com