Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA138
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138 Datasheet(HTML) 3 Page - Texas Instruments

  INA138 Datasheet HTML 1Page - Texas Instruments INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
INA138, INA168
3
SBOS122C
www.ti.com
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
All other characteristics at TA = +25°C, VS = 5V, VIN+ = 12V, and ROUT = 125kΩ, unless otherwise noted.
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Full-Scale Sense Voltage
VSENSE = VIN+ – VIN–
100
500
✽✽
mV
Common-Mode Input Range
2.7
36
✽
60
V
Common-Mode Rejection
VIN+ = 2.7V to 40V, VSENSE = 50mV
100
120
dB
VIN+ = 2.7V to 60V, VSENSE = 50mV
100
120
dB
Offset Voltage(1)
±0.2
±1
✽✽
mV
Over Temperature
±2
✽
mV
vs Temperature
1
✽
µV/°C
vs Power Supply, V+
V– = 2.7V to 40V, VSENSE = 50mV
0.1
10
µV/V
V– = 2.7V to 60V, VSENSE = 50mV
0.1
10
µV/V
Input Bias Current
2
✽
µA
vs Temperature
10
µA
OUTPUT
Transconductance
TA = +25°C, VSENSE = 10mV – 150mV
198
200
202
✽✽
✽
µA/V
Over Temperature
196
204
✽✽
µA/V
vs Temperature
VSENSE = 100mV
10
✽
nA/
°C
Nonlinearity Error
VSENSE = 10mV to 150mV
±0.01
±0.1
✽✽
%
Total Output Error
VSENSE = 100mV
±0.5
±2
✽✽
%
Over Temperature
±2.5
✽
%
Output Impedance
1 || 5
✽
G
Ω || pF
Voltage Output
Swing to Power Supply, V+
(V+) – 0.8 (V+) – 1.0
✽✽
V
Swing to Common Mode, VCM
VCM – 0.5 VCM – 0.8
✽✽
V
FREQUENCY RESPONSE
Bandwidth
ROUT = 5kΩ
800
✽
kHz
ROUT = 125kΩ
32
✽
kHz
Settling Time (0.1%)
5V Step, ROUT = 5kΩ
1.8
✽
µs
5V Step, ROUT = 125kΩ
30
✽
µs
NOISE
Output-Current Noise Density
9
✽
pA/
√Hz
Total Output-Current Noise
BW = 100kHz
3
✽
nA RMS
POWER SUPPLY
Operating Range, V+
2.7
36
✽
60
V
Quiescent Current
TA = +25°C, VSENSE = 0, IO = 0
25
45
✽✽
µA
Over Temperature
60
✽
µA
TEMPERATURE RANGE
Specification, TMIN to TMAX
–40
125
✽✽
°C
Operating
–55
150
✽✽
°C
Storage
–65
150
✽✽
°C
Thermal Resistance
θ
JA
200
✽
°C/W
✽ specification same as INA138NA
NOTE: (1) Defined as the amount of input voltage, VSENSE, to drive the output to zero.
INA138NA
INA168NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com