Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA138
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
INA138, INA168
6
SBOS122C
www.ti.com
FIGURE 1. Basic Circuit Connections.
Shunt
R
S
INA138
2
1
OUT
Q1
R
L
I
0
+
V
O
–
Load
R
G1
5k
Ω
R
G2
5k
Ω
V
IN+
V
IN–
3
4
I
S
V+
5
NOTE: (1) Maximum V
P and V+ voltage is 60V with INA168.
V+ power can be common or
independent of load supply.
2.7
≤ (V+) ≤ 36V(1)
V
P
Load Power Supply
+2.7 to 36V(1)
VOLTAGE GAIN
EXACT RL (Ω)
NEAREST 1% RL (Ω)
1
5k
4.99k
2
10k
10k
5
25k
24.9k
10
50k
49.9k
20
100k
100k
50
250k
249k
100
500k
499k
Some Analog-to-Digital (A/D) converters have input imped-
ances that will significantly affect measurement gain. The input
impedance of the A/D converter can be included as part of the
effective RL if its input can be modeled as a resistor to ground.
Alternatively, an op amp can be used to buffer the A/D converter
input. Figure 1 shows the recommended values of RL.
OUTPUT VOLTAGE RANGE
The output of the INA138 is a current, which is converted to
a voltage by the load resistor, RL. The output current remains
accurate within the compliance voltage range of the output
circuitry. The shunt voltage and the input common-mode and
power-supply voltages limit the maximum possible output
swing. The maximum output voltage compliance is limited by
the lower of the two equations below:
Vout max = (V+) – 0.7V – (VIN+ – VIN–)(3)
or
Vout max = VIN– – 0.5V
(4)
(whichever is lower)
BANDWIDTH
Measurement bandwidth is affected by the value of the load
resistor, RL. High gain produced by high values of RL will
yield a narrower measurement bandwidth (see Typical
Characteristics). For widest possible bandwidth, keep the
capacitive load on the output to a minimum. Reduction in
bandwidth due to capacitive load is shown in the Typical
Characteristics.
If bandwidth limiting (filtering) is desired, a capacitor can be
added to the output (see Figure 3). This will not cause
instability.
APPLICATIONS
The INA138 is designed for current shunt measurement
circuits, as shown in Figure 1, but its basic function is useful
in a wide range of circuitry. A creative engineer will find many
unforeseen uses in measurement and level shifting circuits.
A few ideas are illustrated in Figures 2 through 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com