Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA138
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
INA138, INA168
7
SBOS122C
www.ti.com
FIGURE 2. Buffering Output to Drive an A/D Converter.
I
S
OPA340
INA138
3
4
Z
IN
R
L
Buffer of amp drives A/D converter
without affecting gain.
FIGURE 3. Output Filter.
INA138
f
–3dB =
1
2
πR
LCL
V
O
f
–3dB
R
L
C
L
3
4
FIGURE 4. Offsetting the Output Voltage.
V
O
R
2
R
1
1
Gain Set by R
1 R2
Output Offset =
(V
R)R2
R
1 + R2
a) Using resistor divider.
V
O
R
L
1
REF200
100
µA
V+
V
R
Gain Set by R
L
Output Offset = (100
µA)(R
L)
(independent of V+)
b) Using current source.
INA138
3
4
INA138
3
4
FIGURE 5. Bipolar Current Measurement.
Charger
Load
1
2
+5V
5
5
4
3
1
2
+5V
4
3
1
Ω
10k
Ω
10k
Ω
INA168
INA168
+
48V
5k
Ω
5k
Ω
IN4148
±1A
IN4148
100k
Ω
SIGN
0V to 1V
Comparator
V
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com