Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA138
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments INA138 Datasheet HTML 10Page - Texas Instruments INA138 Datasheet HTML 11Page - Texas Instruments INA138 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
INA138, INA168
8
SBOS122C
www.ti.com
FIGURE 6. Bipolar Current Measurement Using Differential Input of A/D Converter.
FIGURE 7. Multiplexed Measurement Using Logic Signal for Power.
INA168
INA168
Other INA168s
––
––
IN4148
REF
V+
V+
R
L
Serial
I/O
ADS7870
Clock
Divider
Oscillator
BUF
OUT
BUF
IN
REF
OUT
12-Bit
A/D
Converter
BUF
MUX
Digital
I/O
PGIA
+5V
Digital I/O on the ADS7870 provides power to select
the desired INA168. Diodes prevent output current of
the
on INA168 from flowing into the off INA168.
REF
Serial
I/O
ADS7870
Clock
Divider
Oscillator
BUF
OUT
BUF
IN
REF
OUT
12-Bit
A/D
Converter
BUF
MUX
Digital
I/O
PGIA
+5V
1
2
+5V
5
4
3
1
2
+5V
5
4
3
R
S
RL
25k
Ω
RL
25k
Ω
V+
INA138
INA138
A/D converter programmed for differential input.
Depending on polarity of current, one INA138 provides
an output voltage, the output of the other is zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com