Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA138
Description  High-Side Measurement CURRENT SHUNT MONITOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA138 Datasheet(HTML) 1 Page - Texas Instruments

  INA138 Datasheet HTML 1Page - Texas Instruments INA138 Datasheet HTML 2Page - Texas Instruments INA138 Datasheet HTML 3Page - Texas Instruments INA138 Datasheet HTML 4Page - Texas Instruments INA138 Datasheet HTML 5Page - Texas Instruments INA138 Datasheet HTML 6Page - Texas Instruments INA138 Datasheet HTML 7Page - Texas Instruments INA138 Datasheet HTML 8Page - Texas Instruments INA138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
INA138
INA168
FEATURES
q COMPLETE UNIPOLAR HIGH-SIDE
CURRENT MEASUREMENT CIRCUIT
q WIDE SUPPLY AND COMMON-MODE RANGE
q INA138: 2.7V to 36V
q INA168: 2.7V to 60V
q INDEPENDENT SUPPLY AND INPUT COMMON-
MODE VOLTAGES
q SINGLE RESISTOR GAIN SET
q LOW QUIESCENT CURRENT (25
µA typ)
q WIDE TEMPERATURE RANGE: –40
°C to +125°C
q SOT23-5 PACKAGE
High-Side Measurement
CURRENT SHUNT MONITOR
DESCRIPTION
The INA138 and INA168 are high-side, unipolar, current
shunt monitors. Wide input common-mode voltage range,
low quiescent current, and tiny SOT23 packaging enable use
in a variety of applications.
Input common-mode and power-supply voltages are inde-
pendent and can range from 2.7V to 36V for the INA138 and
2.7V to 60V for the INA168. Quiescent current is only 25
µA,
which permits connecting the power supply to either side of
the current measurement shunt with minimal error.
The device converts a differential input voltage to a current
output. This current is converted back to a voltage with an
external load resistor that sets any gain from 1 to over 100.
Although designed for current shunt measurement, the circuit
invites creative applications in measurement and level shifting.
Both the INA138 and INA168 are available in SOT23-5 and
are specified for the –40
°C to +125°C temperature range.
APPLICATIONS
q CURRENT SHUNT MEASUREMENT:
Automotive, Telephone, Computers
q PORTABLE AND BATTERY-BACKUP
SYSTEMS
q BATTERY CHARGERS
q POWER MANAGEMENT
q CELL PHONES
q PRECISION CURRENT SOURCE
R
S
2
1
OUT
GND
R
L
V
O = ISRSRL/5kΩ
Load
5k
Ω
5k
Ω
V
IN+
Up To 60V
V
IN+
V
IN–
3
4
I
S
V+
5
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999-2005 Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBOS122C – DECEMBER 1999 – REVISED NOVEMBER 2005
All trademarks are the property of their respective owners.


Similar Part No. - INA138

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Micrel Semiconductor
INA138 MICREL-INA138 Datasheet
1Mb / 10P
TXRX_982_R1 Evaluation Board
logo
Texas Instruments
INA138 TI2-INA138 Datasheet
1Mb / 28P
INA1x8 High-Side Measurement Current Shunt Monitor
REVISED DECEMBER 2017
INA138 TI2-INA138 Datasheet
1Mb / 31P
INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
REVISED AUGUST 2018
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
High-Side Measurement Current Shunt Monitor
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com