Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD1871EB Datasheet(PDF) 17 Page - Analog Devices

Part # EVAL-AD1871EB
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1871EB Datasheet(HTML) 17 Page - Analog Devices

Back Button EVAL-AD1871EB Datasheet HTML 13Page - Analog Devices EVAL-AD1871EB Datasheet HTML 14Page - Analog Devices EVAL-AD1871EB Datasheet HTML 15Page - Analog Devices EVAL-AD1871EB Datasheet HTML 16Page - Analog Devices EVAL-AD1871EB Datasheet HTML 17Page - Analog Devices EVAL-AD1871EB Datasheet HTML 18Page - Analog Devices EVAL-AD1871EB Datasheet HTML 19Page - Analog Devices EVAL-AD1871EB Datasheet HTML 20Page - Analog Devices EVAL-AD1871EB Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
REV. 0
AD1871
–17–
Digital Decimating Filters
The filtering and decimation of the AD1871’s modulator data
stream is implemented in an embedded DSP engine. The first
stage of filtering is the sinc filtering, which has selectable deci-
mation (selected by the modulator clock control bit (AMC, see
Modulator section). The default decimation in the sinc stage
provides a sample rate reduction of 16; this corresponds with a
MODCLK rate of 128
¥ fS. The alternate setting of the AMC
Bit gives a sinc decimation factor of 8 that corresponds with a
MODCLK rate of 64
¥ fS. The output of the sinc decimator
stage is at a rate of 8
¥ fS.
The filter engine implements two half-band FIR filter sections
and a sinc compensation stage that together give a further
decimation factor of 8. Please refer to TPCs 1 through 4 for
details on the responses of the sinc and FIR filter sections.
TPC 5 gives the composite response of the sinc and FIR filters.
High-Pass Filter
The AD1871 features an optional high-pass filter section that
provides the ability of rejecting dc from the output data stream.
The high-pass filter is enabled by setting Bit 8 (HPE) of Control
Register I to 1. Please refer to TPC 7 and TPC 8 for details of
the high-pass filter characteristics.
ADC Coding
The ADC’s output data stream is in a two’s complement
encoded format. The word width can be selected from 16 bits,
20 bits, or 24 bits (see Table VI and Table VII). The coding
scheme is detailed in Table I.
Table I. ADC Coding
Code
Level
011111.......1111
+Full Scale
000000........0000
0 (Ref Level)
100000........0001
–Full Scale
Analog Input Section
The analog input section comprises a differential PGA stage.
It can also be configured for single-ended inputs, allowing
two such inputs to be selected via a multiplex switch. The
PGA has five gain settings (see Table V) ranging from 0 dB
to 12 dB in 3 dB steps.
In Differential Mode, the VINxP and VINxN input pins are
connected to a pair of inverting amplifiers whose outputs are
connected to the CAPxN and CAPxP pins, respectively.
(See Figure 10.)
CAPxN
CAPxP
VCM
VINxP
VINxN
VCM
Figure 10. Differential Analog Input
In Single-Ended Mode, either VINxP or VINxN can be selected
as the input. The pair of input inverting amplifiers is reconfig-
ured as a single-ended-to-differential conversion stage. Again the
outputs of the differential section are connected to Pins CAPxP
and CAPxN (see Figure 11).
CAPxN
CAPxP
VCM
VINxP
VINxN
VCM
Figure 11. Single-Ended Analog Input
The analog input section is enabled (powered ON) by default
on reset. If it is required to bypass the analog input section by
using the modulator input pins (CAPxP and CAPxN) directly,
then the analog input section must be powered down by setting
Bits MER and MEL in Control Register III.
Serial Data Interface
The AD1871’s serial data interface consists of three pins
(LRCLK, BCLK, and SDATA). LRCLK is the framing sig-
nal for left and right channel samples and its frequency is
equal to the sampling frequency (fS). BCLK is the serial clock
used to clock the data samples from the AD1871 and its fre-
quency is equal to 64
¥ fS (giving 32 BCLK periods for each
of the left and right channels). SDATA outputs the left and right
channel sample data coincident with the falling edge of BCLK.
The serial data interface supports all the popular audio interface
standards, such as I
2S, left-justified (LJ), and right-justified (RJ), as
well as the serial interfaces of modern DSPs. The Interface Mode is
selected by programming the Bits DF1–DF0 of Control Register II
(see Tables VI and VIII).
The data sample width can be selected from 16, 20, or 24 bits by
programming Bits WW1–WW0 of Control Register II (see
Tables VI and VII).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com