Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD1871EB Datasheet(PDF) 18 Page - Analog Devices

Part # EVAL-AD1871EB
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1871EB Datasheet(HTML) 18 Page - Analog Devices

Back Button EVAL-AD1871EB Datasheet HTML 14Page - Analog Devices EVAL-AD1871EB Datasheet HTML 15Page - Analog Devices EVAL-AD1871EB Datasheet HTML 16Page - Analog Devices EVAL-AD1871EB Datasheet HTML 17Page - Analog Devices EVAL-AD1871EB Datasheet HTML 18Page - Analog Devices EVAL-AD1871EB Datasheet HTML 19Page - Analog Devices EVAL-AD1871EB Datasheet HTML 20Page - Analog Devices EVAL-AD1871EB Datasheet HTML 21Page - Analog Devices EVAL-AD1871EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD1871
–18–
REV. 0
I
2S Mode
In I
2S Mode, the data is left-justified, MSB first, with the MSB
placed in the second BCLK period following the transition of
the LRCLK. A high-to-low transition of the LRCLK signifies
the beginning of the left channel data transfer, while a low-to-
high transition on the LRCLK signifies the beginning of the
right channel data transfer (see Figure 12).
LEFT CHANNEL
RIGHT CHANNEL
MSB–2
MSB–1
LSB+2
LSB+1
LSB
MSB–2
MSB–1
MSB
LSB+2 LSB+1
LSB
MSB
LRCLK
BCLK
DOUT
MSB
Figure 12. I2S Mode
LJ Mode
In LJ Mode, the data is left-justified, MSB first, with the MSB
placed in the first BCLK period following the transition of the
LRCLK. A high-to-low transition of the LRCLK signifies the
beginning of the right channel data transfer, while a low-to-high
transition on the LRCLK signifies the beginning of the left
channel data transfer (see Figure 13).
MSB–2
MSB–1
LSB+2
LSB+1
LSB
MSB–2
MSB–1
MSB
LSB+2
LSB+1
LSB
MSB–1
MSB
LRCLK
BCLK
DOUT
LEFT CHANNEL
RIGHT CHANNEL
MSB
Figure 13. Left-Justified Mode
RJ Mode
In RJ Mode, the data is right-justified, LSB last, with the
LSB placed in the last BCLK period preceding the transition
of the LRCLK. A high-to-low transition of the LRCLK signifies
the beginning of the right channel data transfer, while a low-to-
high transition on the LRCLK signifies the beginning of the left
channel data transfer (see Figure 14).
DOUT
LSB
MSB–2
MSB–1
LSB+2 LSB+1
MSB–2
MSB–1
MSB
LSB+2 LSB+1
LSB
BCLK
LRCLK
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Figure 14. Right-Justified Mode
DSP Mode
In DSP Mode, the LRCLK signal becomes a frame sync signal
that pulses high for the BCLK period prior to the MSB (or in
the BCLK period of the previous LSB–32 bits). The data is left-
justified, MSB first, with the MSB placed in the BCLK period
following the LRCLK pulse (see Figure 15).
In I
2S and LJ Modes, since the data is left-justified, differences in
data word-width between the AD1871 and the controller are not
catastrophic since the MSBs are guaranteed to be transferred.
There may, however, be a slight reduction in performance
depending on the scale of the mismatch. In RJ Mode, however,
differences in word-width between the AD1871 and controller
have a catastrophic effect on signal performance as the MSBs
of each sample may be lost due to the mismatch.
DOUT
MSB–1
LSB+2
LSB+1
LSB
MSB–1
LSB+2
LSB+1
LSB
MSB
MSB–1
MSB
LRCLK
LEFT CHANNEL
RIGHT CHANNEL
BCLK
MSB
Figure 15. DSP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com