Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD1871EB Datasheet(PDF) 25 Page - Analog Devices

Part # EVAL-AD1871EB
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD1871EB Datasheet(HTML) 25 Page - Analog Devices

Back Button EVAL-AD1871EB Datasheet HTML 20Page - Analog Devices EVAL-AD1871EB Datasheet HTML 21Page - Analog Devices EVAL-AD1871EB Datasheet HTML 22Page - Analog Devices EVAL-AD1871EB Datasheet HTML 23Page - Analog Devices EVAL-AD1871EB Datasheet HTML 24Page - Analog Devices EVAL-AD1871EB Datasheet HTML 25Page - Analog Devices EVAL-AD1871EB Datasheet HTML 26Page - Analog Devices EVAL-AD1871EB Datasheet HTML 27Page - Analog Devices EVAL-AD1871EB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
REV. 0
AD1871
–25–
INTERFACING
Analog Interfacing
The analog section of the AD1871 has been designed to offer
flexibility as well as high performance. Users may choose full
differential input directly to the ADC’s - modulator via Pins
CAPxP and CAPxN. Alternatively, when using the on-chip PGA
section, it is also possible to multiplex single-ended inputs on Pins
VINxP and VINxN or to use these pins for full differential input.
Whichever input topology is chosen (direct or via mux/PGA
section), the modulator input pins (CAPxP and CAPxN) require
capacitors to act as dynamic charge storage for the switched
capacitor input section. Component selection for these capacitors
is critical as the input audio signal appears on or across these
capacitors. A high quality dielectric is recommended for these
capacitors multilayer ceramic, NPO or metal film, PPS for
surface-mounted versions, and polypropylene for through-hole
versions. Indeed, as a general recommendation, high quality
dielectrics should be specified where capacitors are carrying the
input audio signal.
Modulator Direct Input
Figure 23 shows the connection of a single-ended source via an
external single-ended-to-differential converter to the modulator
input of the AD1871. The external amplifier/buffer should have
good slew rate characteristics to meet the dynamic characteristics
of the modulator input that is a switched-capacitor load.
The output of the external amplifier/buffer should be decoupled
from the input capacitors via a 250
W resistor (metal film).
In order to configure the AD1871 for differential input via the
CAPxP and CAPxN pins, the Mux/PGA section must be disabled
by setting the MEL and MER Bits in Control Register III to 1.
OP275
1nF
NPO
100pF
NPO
100pF
NPO
120pF
NPO
5.76k
750k
237
CAPLN
CAPLP
VREF
AD1871
10 F
FERRITE
100nF
237
100pF
NPO
5.76k
5.76k
10 F
5.76k
OP275
Figure 23. Direct Connection to Modulator
PGA Input, Single-Ended
Figure 24 shows the connection of a single-ended source to the
PGA section of the AD1871. The PGA section is configured
for single-ended-to-differential conversion. The differential
outputs are connected internally to the CAPxx pins via 250
W
series resistors.
In order to configure the AD1871 for single-ended input, the
Control Registers must be configured as follows:
Left Channel
Control Register I = xx0xGGGxxx, where GGG = the Input Gain
(see Table V).
Control Register III = 00xx1x0Sxx, where S = the SE Channel
Selection.
Right Channel
Control Register I = xx0xxxxGGG, where GGG = the Input Gain
(see Table V).
Control Register III = 00xxx1xx0S, where S = the SE Channel
Selection.
1nF
NPO
100pF
NPO
100pF
NPO
CAPLN
CAPLP
AD1871
VREF
10 F
100nF
VINLP
VINLN
10 F
FERRITE
600Z
100pF
NPO
Figure 24. Single-Ended Input via PGA Section
PGA Input, Differential
Figure 25 shows the connection of a differential source to the PGA
section of the AD1871. The PGA section is configured as a
differential buffer. The buffered differential outputs are con-
nected internally to the CAPxx pins via a 250
W series resistors.
In order to configure the AD1871 for differential input via the
Mux/PGA, the Control Registers must be configured as follows:
Left Channel
Control Register I = xx0xGGGxxx, where GGG = the Input Gain
(see Table V).
Control Register III = 00xx0x0xxx.
Right Channel
Control Register I = xx0xxxxGGG, where GGG = the Input Gain
(see Table V).
Control Register III = 00xxx0xx0x.
1nF
NPO
100pF
NPO
100pF
NPO
CAPLN
CAPLP
AD1871
VREF
10 F
100nF
VINLP
VINLN
10 F
10 F
2
3
1
Figure 25. Differential Input via PGA Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com