Electronic Components Datasheet Search
  English  ▼

X  

DF1760P Datasheet(PDF) 4 Page - Texas Instruments

Part # DF1760P
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1760P Datasheet(HTML) 4 Page - Texas Instruments

  DF1760P Datasheet HTML 1Page - Texas Instruments DF1760P Datasheet HTML 2Page - Texas Instruments DF1760P Datasheet HTML 3Page - Texas Instruments DF1760P Datasheet HTML 4Page - Texas Instruments DF1760P Datasheet HTML 5Page - Texas Instruments DF1760P Datasheet HTML 6Page - Texas Instruments DF1760P Datasheet HTML 7Page - Texas Instruments DF1760P Datasheet HTML 8Page - Texas Instruments DF1760P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
PCM1760P/U DF1760P/U
4
Top View
SOIC/DIP
BLOCK DIAGRAM OF DF1760
DF1760
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OVL
OVR
D
3
D
2
D
1
D
0
TP1
V
SS1
V
DD1
256fs
Strobe
LRCK
CALD
CAL
V
SS2
V
DD2
TP2
CLKSEL
S/M
Mode 1
Mode 2
/PD
LRSC
FSYNC
SDATA
L/R
SCLK
SYSCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PIN ASSIGNMENTS DF1760
NOTE: (1) O = Output terminal; I = Input terminal.
PIN
I/O(1)
NAME
DESCRIPTION
1
O
OVL
Left Channel Overflow Output (Active High)
2
O
OVR
Right Channel Overflow Output (Active High)
3I
D3
D3 Data Input (MSB)
4I
D2
D2 Data Input
5I
D1
D1 Data Input
6I
D0
D0 Data Input (LSB)
7
–
TP1
Test Pin (No Connection)
8–
VSS1
Common Channel 1
9–
VDD1
+5V Channel 1
10
O
256fs
256fs Clock Output
11
I
Strobe
Data Strobe Clock Input (128fs)
12
I
LRCK
LR Clock Input
13
I
↑
CALD
Calibration Function Enable (Active Low)
14
O
CAL
Calibration Output (High During Calibration)
15
I
SYSCLK
System Clock Input (256fs or 384fs)
16
I
↑/O
SCLK
Data Clock
17
I
↑/O
L/R
LR Channel Phase Clock
18
O
SDATA
Serial Data Output (1fs)
19
I
↑/O
FSYNC
Frame Clock (2fs)
20
I
↑
LRSC
Phase Control of LR Channel Phase Clock
21
I
↑
/PD
Power Down Mode Enable Input (Active Low)
22
I
↑
Mode2
Output Format Selection Input 2
23
I
↑
Mode1
Output Format Selection Input 1
24
I
↑
S/M
Slave/Master Mode Selection Input (High Makes
Slave Mode
25
I
↑
CLKSEL
System Clock Selection Input (High Makes 256fs)
26
–
TP2
Test Pin (No Connection)
27
–
VDD2
+5V Channel 2
28
–
VSS2
Common Channel 2
Boost
Filter
Input
LAT
1/16
Decimation
Filter
Input
RAM
Multiplier
ALU
Calib-
ration
Output
Control
P/S
Coefficient
Overflow DET
Main
Timing
Control
Temporary
RAM
Test
SYSCLK
CLKSEL
/PD
TP1
TP2
V
SS2
V
DD2
V
SS1
V
DD1
256fs
OVL
OVR
S/M
MODE 1
MODE 2
LRSC
FSYNC
L/R
SCLK
SDATA
(16-, 20-Bit)
CALD
CAL
D
3
D
2
D
1
D
0
Strobe
LRCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com