Electronic Components Datasheet Search
  English  ▼

X  

DF1760P Datasheet(PDF) 8 Page - Texas Instruments

Part # DF1760P
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1760P Datasheet(HTML) 8 Page - Texas Instruments

Back Button DF1760P Datasheet HTML 4Page - Texas Instruments DF1760P Datasheet HTML 5Page - Texas Instruments DF1760P Datasheet HTML 6Page - Texas Instruments DF1760P Datasheet HTML 7Page - Texas Instruments DF1760P Datasheet HTML 8Page - Texas Instruments DF1760P Datasheet HTML 9Page - Texas Instruments DF1760P Datasheet HTML 10Page - Texas Instruments DF1760P Datasheet HTML 11Page - Texas Instruments DF1760P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
®
PCM1760P/U DF1760P/U
8
FUNCTIONS OF
THE DIGITAL FILTER
SYSTEM CLOCK
The DF1760 can accept a system clock of either 256fs or
384fs. If a 384fs system clock is used, the DF1760 divides
by 2/3 to create the 256fs system clock required for the
PCM1760. The system clock is applied to pin 15 (SYSCLK
input). The actual clock selection is done by setting pin 25
(CLKSEL input) “high” for 256fs clock and “LOW” for
384fs clock.
The detailed timing requirements for the system clock are
shown in Figure 3c.
CLKSEL
SYSCLK
H
256fs
L
384fs
MASTER/SLAVE MODE
The DF1760 can be used in both the master mode and slave
mode. In the master mode, the DF1760 outputs L/R (left/
right channel phase clock), SCLK (data clock) and FSYNC
(frame clock 2fs) signals. In the slave mode, the DF1760
accepts L/R, SCLK and FSYNC signals. The mode selection
is done by taking pin 24 (S/M INPUT) “HIGH” for slave
mode and “LOW” for master mode.
S/M
MODE
H
Slave
L
Master
OUTPUT DATA FORMAT
The serial output data has four possible formats. The selec-
tion of the formats can be done by the Mode 1 and Mode 2
inputs.
CALD
CALIBRATION
H
Disable
L
Enable
MODE 1
MODE 2
FORMATS
H
H
MSB First, 16 Bits, Falling Edge
L
H
MSB First, 20 Bits, Falling Edge
H
L
MSB First, 20 Bits, Rising Edge
L
L
LSB First, 20 Bits, Falling Edge
LRSC
L/R CLOCK AND CHANNEL
H
H = LCH,
L = RCH
L
L = LCH,
H = RCH
OVERFLOW DETECTION
When a near-to-clipping input condition is detected, OVL
output (Pin 1), or OVR output (Pin 2), becomes “HIGH” for
a duration of 4096/fs (about 85ms) depending upon on the
channel detected.
The OVL and OVR output return to “LOW” after
4096/fs duration automatically.
OFFSET CALIBRATION MODE
The offset error is calibrated by storing the digital data when
the input is zero in registers and subtracting it from the
future data with actual signal input.
To enable the calibration mode, set the CALD input (Pin 13)
“LOW”. The calibration mode is disabled by setting the
CALD input (Pin 13) “HIGH”. The calibration cycle is
initiated by setting the /PD input (Pin 21) “LOW” for more
than 2 system clock periods and then setting it “HIGH”.
During the calibration cycle, the CAL output (Pin 14)
becomes “HIGH”, all the serial data is forced to “LOW”,
and the L/R (Pin 17), SCLK (Pin 16) and FSYNC (Pin 19)
pins become input terminals after the completion of the
calibration cycle. The CAL output is “LOW”.
POWER DOWN MODE/RESET
The /PD input (Pin 21) has two functions. First, it should be
set at “HIGH” after application or restoration of power (V
SS
and/or V
DD) to accomplish the power-on/mode reset func-
tion. The detail timing requirements for this function are
shown in Figure 3f. Second, the DF1760 is placed in the
power down mode by setting the /PD input (Pin 21) “LOW”.
Set the /PD input (Pin 21) “HIGH” for normal operation
mode.
LR CHANNEL PHASE CLOCK
The status of the LR channel phase clock can be set by the
LRSC input.
/PD
OPERATION
H
Normal
L
Power Down
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Delay from Overflow Detection
to OVL (OVR) Output
T
OR
––0
ns
OVL (OVR) Output Pulse Width
T
OF
–
4096
–
1/fs
FIGURE 3a. DF1760 Overflow Detection.
T
OF
T
OR
T
OF
T
OR
OVL (OVR)
–Detect Level
+Detect Level
The power dissipation of the DF1760 in the power down
mode is about 1/10 of the normal operation mode. During
the power down mode, the L/R, SCLK, and FSYNC pins
become input pins and all the serial data is forced “LOW”.
The 256fs output is enabled even in the power down mode.
The detailed timing of the power down mode operation and
the offset calibration is shown in Figure 3b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com