Electronic Components Datasheet Search
  English  ▼

X  

DF1760P Datasheet(PDF) 1 Page - Texas Instruments

Part # DF1760P
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1760P Datasheet(HTML) 1 Page - Texas Instruments

  DF1760P Datasheet HTML 1Page - Texas Instruments DF1760P Datasheet HTML 2Page - Texas Instruments DF1760P Datasheet HTML 3Page - Texas Instruments DF1760P Datasheet HTML 4Page - Texas Instruments DF1760P Datasheet HTML 5Page - Texas Instruments DF1760P Datasheet HTML 6Page - Texas Instruments DF1760P Datasheet HTML 7Page - Texas Instruments DF1760P Datasheet HTML 8Page - Texas Instruments DF1760P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
q DUAL 20-BIT MONOLITHIC MODULATOR
(PCM1760) AND MONOLITHIC
DECIMATING DIGITAL FILTER (DF1760)
q HIGH PERFORMANCE:
THD+N: –92dB typ, –90dB max
Dynamic Range: 108dB typ
SNR: 108dB min, 110dB typ
Channel Separation: 98dB typ, 94dB min
q 64X OVERSAMPLING
q CO-PHASE CONVERSION
q RUNS ON 256fs OR 384fs SYSTEM
CLOCK
q VERSATILE INTERFACE CAPABILITY:
16-, 20-Bit Output
MSB First or LSB First Format
q OPTIONAL FUNCTIONS:
Offset Error Calibration
Overflow Detection
Power Down Mode (DF1760)
q RUNS ON
±5V SUPPLIES (PCM1760) AND
5V SUPPLY (DF1760)
q COMPACT 28-PIN PACKAGES:
28-Pin DIP and SOIC
Multi-Bit Enhanced Noise Shaping 20-Bit
ANALOG-TO-DIGITAL CONVERSION SYSTEM
DESCRIPTION
The PCM1760 and DF1760 combine for a low-cost,
high-performance dual 20-bit, 48kHz sampling ana-
log-to-digital conversion system which is specifically
designed for dynamic applications.
The PCM1760/DF1760 pair form a 4-bit, 4th order,
64X oversampling analog-to-digital converter.
The PCM1760 is a delta-sigma modulator that uses a
4-bit quantizer within the modulation loop to achieve
very high dynamic range.
The DF1760 is a high-performance decimating digital
filter. The DF1760 accepts 4-bit 64fs data from the
PCM1760 and decimates to 20-bit 1fs data.
The FIR filter of the DF1760 has pass-band ripple of
less than
±0.001dB and greater than 100dB of the
reject band attenuation.
4 Stage, 4-Bit
Delta-Sigma
Modulator
4 Stage, 4-Bit
Delta-Sigma
Modulator
Timing
Control
and
Interface
1/16
Filter
FIR
Filter
Timing
Control
and
Interface
PCM1760
Analog
Input (L)
Analog
Input (R)
64fs
256fs
4fs
fs
Data
System
Clock
256/384fs
64fs
DF1760
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
PCM1760P/U
DF1760P/U
®
©1993 Burr-Brown Corporation
PDS-1174C
Printed in U.S.A. July, 1994
SBAS025


Similar Part No. - DF1760P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DF1760 BURR-BROWN-DF1760 Datasheet
201Kb / 15P
Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
DF1760U BURR-BROWN-DF1760U Datasheet
201Kb / 15P
Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
More results

Similar Description - DF1760P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
Noise shaping filter DAC
1998 Jan 06
TDA1386T PHILIPS-TDA1386T Datasheet
167Kb / 24P
Noise shaping filter DAC
1998 Jan 06
logo
Analog Devices
AD1862 AD-AD1862 Datasheet
183Kb / 12P
Ultralow Noise 20-Bit Audio DAC
logo
Burr-Brown (TI)
PCM1760P BURR-BROWN-PCM1760P Datasheet
201Kb / 15P
Multi-Bit Enhanced Noise Shaping 20-Bit ANALOG-TO-DIGITAL CONVERSION SYSTEM
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
483Kb / 29P
16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
logo
Motorola, Inc
MC68030 MOTOROLA-MC68030 Datasheet
3Mb / 602P
ENHANCED 32-BIT MICROPROCESSOR
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
logo
Analog Devices
AD1862 AD-AD1862_15 Datasheet
141Kb / 12P
Ultralow Noise 20-Bit Audio DAC
REV. A
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
12-bit ADC Enhanced
logo
SINOWEALTH Electronic L...
SH79F085 SINOWEALTH-SH79F085 Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 20-Bit ADC
V2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com