Electronic Components Datasheet Search
  English  ▼

X  

DF1760P Datasheet(PDF) 12 Page - Texas Instruments

Part # DF1760P
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1760P Datasheet(HTML) 12 Page - Texas Instruments

Back Button DF1760P Datasheet HTML 8Page - Texas Instruments DF1760P Datasheet HTML 9Page - Texas Instruments DF1760P Datasheet HTML 10Page - Texas Instruments DF1760P Datasheet HTML 11Page - Texas Instruments DF1760P Datasheet HTML 12Page - Texas Instruments DF1760P Datasheet HTML 13Page - Texas Instruments DF1760P Datasheet HTML 14Page - Texas Instruments DF1760P Datasheet HTML 15Page - Texas Instruments DF1760P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
®
PCM1760P/U DF1760P/U
12
ANALOG INPUT
CONDITION
DIGITAL OUTPUT
+2.55V
+Max Input
72000H
+2.50V to +2.55V
Overflow
70000H to 72000H(2)
+2.50V
+FSR
70000H
0V
BPZ (Ideal)
00000H (1)
–2.50V
–FSR
90000H
–2.83V to –2.85V
Overflow
82FFFH to 82000H(2)
–2.85V
–Max Input
82000H
NOTES: (1) Incase of BPZ Error = 0. (2) Overflow detection level is over
70000H or under 82FFFH of digital output code.
TABLE I. Output Codes.
POWER SUPPLY SEQUENCING
The PCM1760 requires
±V
CC and ±VDD power supplies. To
avoid any possibility of latch-up, the
±V
CC and ±VDD power
should all be applied simultaneously or the +VCC and +VDD
applied first followed by –V
CC and –VDD.
FIGURE 10. Illustration of Offset Calibration.
+fs
BPZ
–fs
0V
+fs
–fs
ANALOG INPUT
V
OS
+fs
BPZ
–fs
0V
+fs
–fs
ANALOG INPUT
Analog Input
V
OS
PCM1760
DF1760
CAL
PD
V
OS
POWER-ON RESET AND MODE RESET
The timing requirements for POWER-ON RESET and
MODE RESET are shown in Figure 3f. The DF1760 re-
quires POWER-ON RESET when power is applied or re-
stored. MODE RESET is required when any of the follow-
ing has been changed: system clock, master/slave mode,
output data format, L/R clock, calibration after POWER-ON
in slave mode.
This reset should be done by holding the /PD input (pin 21)
low for more than 2/fs. Suggested reset circuits are given in
Figures 11, 12 and 13.
CLOCK INPUT
After power is applied to the DF1760, the system clock
should be provided continuously. The DF1760 employs a
dynamic logic architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com