Electronic Components Datasheet Search
  English  ▼

X  

DF1760P Datasheet(PDF) 9 Page - Texas Instruments

Part # DF1760P
Description  Multi-Bit Enhanced Noise Shaping 20-Bit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DF1760P Datasheet(HTML) 9 Page - Texas Instruments

Back Button DF1760P Datasheet HTML 5Page - Texas Instruments DF1760P Datasheet HTML 6Page - Texas Instruments DF1760P Datasheet HTML 7Page - Texas Instruments DF1760P Datasheet HTML 8Page - Texas Instruments DF1760P Datasheet HTML 9Page - Texas Instruments DF1760P Datasheet HTML 10Page - Texas Instruments DF1760P Datasheet HTML 11Page - Texas Instruments DF1760P Datasheet HTML 12Page - Texas Instruments DF1760P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
®
9
PCM1760P/U DF1760P/U
T
PCF
T
CSV
CAL
SDATA
/PD
T
PSF
T
PDW
T
PCR
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Pulse Width of /PD Input
T
PDW
2
–
–
1/Fclk
Delay from /PD Input to
CAL Output
T
PCR
–
–
6
1/Fclk
Calibration Cycle Duration
T
PCF
–
4096
–
1/fs
Delay from /PD Input to S
DATA LTPSF
–
–
6
1/Fclk
Delay from Completion of
Calibration to SDATA Valid
T
CSV
–
1
–
1/fs
FIGURE 3b. DF1760 Power Down and Offset Calibration.
SYSTEM CLOCK: 256fs
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Low Level Duration
T
CLKL
31
–
–
ns
High Level Duration
T
CLKH
31
–
–
ns
T
CLKH
T
CLKL
2.0V
1.4V
0.8V
T
LH
T
HL
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
SCLK Frequency
F
SLK
32fs
48fs
64fs
–
Low Duration of FSCLK
T
SLKL
100
–
–
ns
High Duration of FSCLK
T
SLKH
100
–
–
ns
Delay from SCLK to L/R Edge
T
SLR
–70
–
70
ns
Delay from Falling Edge of
SCLK to SDATA Valid
T
DSS
––
50
ns
Delay from SCLK to FSYNC
Edge
T
SF
–70
–
0
ns
Delay from Rising Edge of
SCLK to SDATA Valid
T
DSV
100
–
–
ns
Delay from SDATA Valid to
Rising Edge of SCLK
T
SDR
100
–
–
ns
SCKL
SDATA
L/R
FSYNC
T
SLR
T
SDR
T
SF
T
DSS
T
DSV
T
SLKH TSLKL
FIGURE 3e. Timing of Slave Mode, DF1760.
FIGURE 3f. Power On and Mode Reset Timing.
APPLIES TO
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS(1)
MODE
Power on to PD
↑
T
PDW
2
1/fs
Master/Slave
PD
↑ to L/R ↑
T
SP
–1
+1
1/Fclk
Slave
(LRSC = “H”)
PD
↑ to L/R ↓
T
SP
–1
+1
1/Fclk
Slave
(LRSC = “L”)
NOTE: (1) fs: sampling rate. Fclk: system clock frequency.
T
PDW
T
PDW
T
SP
T
SP
Power
L/R
PD
<LRSC = “H”
T
PDW
T
PDW
T
SP
T
SP
Power
L/R
PD
<LRSC = “L”
SYSTEM CLOCK: 384fs
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
Low Level Duration
T
CLKL
24
–
–
ns
High Level Duration
T
CLKH
24
–
–
ns
Rise Time
T
LH
––
6
ns
Fall Time
T
HL
––
6
ns
FIGURE 3c. System Clock Timing Requirements of DF1760.
T
SDR
T
SF
T
DSS
SCLK
SDATA
L/R
FSYNC
T
SLR
T
DSV
T
DSS
T
DSV
T
SF
DESCRIPTION
NAME
MIN
TYP
MAX
UNITS
SCLK Frequency
F
SLK
–
64fs
–
SCLK Frequency Duty Cycle
–
50
–
%
FSYNC Frequency
F
SYNC
–
2fs
–
FSYNC Frequency Duty Cycle
–
50
–
%
Delay from SCLK to L/R Edge
T
SLR
–20
–
50
ns
Delay from Falling Edge of
SCLK to SDATA Valid
T
DSS
––
50
ns
Delay from SCLK to FSYNC
Edge
T
SF
–20
–
50
ns
Delay from Rising Edge of
SCLK to SDATA Valid
T
SDR
100
–
–
ns
Delay from SDATA Valid to
Rising Edge of SCLK
T
DSV
100
–
–
ns
FIGURE 3d. Output Timing of Master Mode, DF1760.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com