Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 43 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 39Page - Analog Devices ADSP-BF607 Datasheet HTML 40Page - Analog Devices ADSP-BF607 Datasheet HTML 41Page - Analog Devices ADSP-BF607 Datasheet HTML 42Page - Analog Devices ADSP-BF607 Datasheet HTML 43Page - Analog Devices ADSP-BF607 Datasheet HTML 44Page - Analog Devices ADSP-BF607 Datasheet HTML 45Page - Analog Devices ADSP-BF607 Datasheet HTML 46Page - Analog Devices ADSP-BF607 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
Rev. 0
|
Page 43 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
PC_13
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PC Position 13 | SPI0 Slave Select
Output b | EPPI1 Data 13 | ETH PTP Clock
Input.
Notes: No notes.
PC_14
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PC Position 14 | SPI1 Slave Select
Output b | EPPI1 Data 14.
Notes: No notes.
PC_15
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PC Position 15 | SPI0 Slave Select
Output b | EPPI1 Data 15.
Notes: May be used to wake the processor
from hibernate or deep sleep mode.
PD_00
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 0 | SPI0 Data 2 | EPPI1
Data 16 | SPI0 Slave Select Output b.
Notes: No notes.
PD_01
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 1 | SPI0 Data 3 | EPPI1
Data 17 | SPI0 Slave Select Output b.
Notes: No notes.
PD_02
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 2 | SPI0 Master In, Slave
Out.
Notes: No notes.
PD_03
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 3 | SPI0 Master Out,
Slave In.
Notes: No notes.
PD_04
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 4 | SPI0 Clock.
Notes: No notes.
PD_05
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 5 | SPI1 Clock | TIMER0
Alternate Clock 7.
Notes: No notes.
PD_06
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 6 | EPPI1 Frame Sync 2
(VSYNC) | ETH0 RMII Management Data
Interrupt | TIMER0 Alternate Capture
Input 5.
Notes: May be used to wake the processor
from hibernate or deep sleep mode.
PD_07
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 7 | UART0 Transmit |
TIMER0 Alternate Capture Input 3.
Notes: No notes.
PD_08
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 8 | UART0 Receive |
TIMER0 Alternate Capture Input 0.
Notes: No notes.
PD_09
I/O
A
wk
wk
none
wk
none
VDD_EXT
Desc: PD Position 9 | SPI1 Slave Select
Output b | UART0 Request to Send | SPI0
Slave Select Output b.
Notes: No notes.
PD_10
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 10 | SPI0 Ready | UART0
Clear to Send | SPI1 Slave Select Output b.
Notes: No notes.
PD_11
I/O
A
wkwknone
wknone
VDD_EXT
Desc: PD Position 11 | SPI0 Slave Select
Output b | SPI0 Slave Select Input.
Notes: No notes.
Table 15. ADSP-BF60x Designer Quick Reference (Continued)
Signal Name
Type
Driver
Type
Int
Term
Reset
Term
Reset
Drive
Hiber
Term
Hiber
Drive
Power
Domain
Description
and Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com