Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 1 Page - Analog Devices

  ADSP-BF607 Datasheet HTML 1Page - Analog Devices ADSP-BF607 Datasheet HTML 2Page - Analog Devices ADSP-BF607 Datasheet HTML 3Page - Analog Devices ADSP-BF607 Datasheet HTML 4Page - Analog Devices ADSP-BF607 Datasheet HTML 5Page - Analog Devices ADSP-BF607 Datasheet HTML 6Page - Analog Devices ADSP-BF607 Datasheet HTML 7Page - Analog Devices ADSP-BF607 Datasheet HTML 8Page - Analog Devices ADSP-BF607 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
Blackfin and the Blackfin logo are registered trademarks of Analog Devices, Inc.
Blackfin Dual Core
Embedded Processor
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual-core symmetric high-performance Blackfin processor,
up to 500 MHz per core
Each core contains two 16-bit MACs, two 40-bit ALUs, and a
40-bit barrel shifter
RISC-like register and instruction model for ease of
programming and compiler-friendly support
Advanced debug, trace, and performance monitoring
Pipelined Vision Processor provides hardware to process sig-
nal and image algorithms used for pre- and co-processing
of video frames in ADAS or other video processing
applications
Accepts a range of supply voltages for I/O operation. See
Operating Conditions on Page 52
Off-chip voltage regulator interface
349-ball BGA package (19 mm × 19 mm), RoHS compliant
MEMORY
Each core contains 148K bytes of L1 SRAM memory (proces-
sor core-accessible) with multi-parity bit protection
Up to 256K bytes of L2 SRAM memory with ECC protection
Dynamic memory controller provides 16-bit interface to a
single bank of DDR2 or LPDDR DRAM devices
Static memory controller with asynchronous memory inter-
face that supports 8-bit and 16-bit memories
4 Memory-to-memory DMA streams, 2 of which feature CRC
protection
Flexible booting options from flash, SD EMMC and SPI mem-
ories and from SPI, link port and UART hosts
Memory management unit provides memory protection
Figure 1. Processor Block Diagram
SYSTEM CONTROL BLOCKS
PERIPHERALS
HARDWARE
FUNCTIONS
EXTERNAL
BUS
INTERFACES
LPDDR
DDR2
CRC
PIPELINED
VISION PROCESSOR
PIXEL
COMPOSITOR
DMA SYSTEM
3× PPI
4× LINK PORT
2× EMAC
WITH
2× IEEE 1588
EMMC/RSI
3× SPORT
2× SPI
2× UART
1× CAN
8× TIMER
2× PWM
1× COUNTER
2× TWI
USB 2.0 HS OTG
L2 MEMORY
256K BYTE
ECC-
PROTECTED
SRAM
32K BYTE
ROM
112
GP
I/O
FLASH
SRAM
EMULATOR
TEST & CONTROL
PLL & POWER
MANAGEMENT
FAULT
MANAGEMENT
EVENT
CONTROL
DUAL
WATCHDOG
CORE 1
148K BYTE
PARITY BIT PROTECTED
L1 SRAM
INSTRUCTION/DATA
B
1× ACM
16
16
DYNAMIC
MEMORY
CONTROLLER
STATIC
MEMORY
CONTROLLER
VIDEO
SUBSYSTEM
CORE 0
148K BYTE
PARITY BIT PROTECTED
L1 SRAM
INSTRUCTION/DATA
B


Similar Part No. - ADSP-BF607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF607 AD-ADSP-BF607 Datasheet
1Mb / 44P
Blackfin Dual Core
Rev. PrD
ADSP-BF607 AD-ADSP-BF607 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF607BBCZ-5 AD-ADSP-BF607BBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF607KBCZ-5 AD-ADSP-BF607KBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
More results

Similar Description - ADSP-BF607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
Blackfin Embedded Processor
3/04-Revision 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
Blackfin Embedded Processor
May-2006
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
Blackfin Embedded Processor
Sep-2006
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
Blackfin Embedded Processor
Rev. I
ADSP-BF607BBCZ-5 AD-ADSP-BF607BBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
Blackfin Embedded Processor
Rev. E
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com