Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 9Page - Analog Devices ADSP-BF607 Datasheet HTML 10Page - Analog Devices ADSP-BF607 Datasheet HTML 11Page - Analog Devices ADSP-BF607 Datasheet HTML 12Page - Analog Devices ADSP-BF607 Datasheet HTML 13Page - Analog Devices ADSP-BF607 Datasheet HTML 14Page - Analog Devices ADSP-BF607 Datasheet HTML 15Page - Analog Devices ADSP-BF607 Datasheet HTML 16Page - Analog Devices ADSP-BF607 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
Rev. 0
|
Page 13 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
A third counter input can provide flexible zero marker support
and can alternatively be used to input the push-button signal of
thumb wheels. All three pins have a programmable debouncing
circuit.
Internal signals forwarded to each general-purpose timer enable
these timers to measure the intervals between count events.
Boundary registers enable auto-zero operation or simple system
warning by interrupts when programmable count values are
exceeded.
Serial Peripheral Interface (SPI) Ports
The processors have two SPI-compatible ports that allow the
processor to communicate with multiple SPI-compatible
devices.
In its simplest mode, the SPI interface uses three pins for trans-
ferring data: two data pins (Master Output-Slave Input, MOSI,
and Master Input-Slave Output, MISO) and a clock pin (serial
clock, SPI_CLK). A SPI chip select input pin (SPI_SS) lets other
SPI devices select the processor, and seven SPI chip select out-
put pins (SPI_SEL7–1) let the processor select other SPI devices.
The SPI select pins are reconfigured general-purpose I/O pins.
Using these pins, the SPI port provides a full-duplex, synchro-
nous serial interface, which supports both master/slave modes
and multimaster environments.
In a multi-master or multi-slave SPI system, the MOSI and
MISO data output pins can be configured to behave as open
drain outputs (using the ODM bit) to prevent contention and
possible damage to pin drivers. An external pull-up resistor is
required on both the MOSI and MISO pins when this option is
selected.
When ODM is set and the SPI is configured as a master, the
MOSI pin is three-stated when the data driven out on MOSI is a
logic-high. The MOSI pin is not three-stated when the driven
data is a logic-low. Similarly, when ODM is set and the SPI is
configured as a slave, the MISO pin is three-stated if the data
driven out on MISO is a logic-high.
The SPI port’s baud rate and clock phase/polarities are pro-
grammable, and it has integrated DMA channels for both
transmit and receive data streams.
UART Ports
The processors provide two full-duplex universal asynchronous
receiver/transmitter (UART) ports, which are fully compatible
with PC-standard UARTs. Each UART port provides a simpli-
fied UART interface to other peripherals or hosts, supporting
full-duplex, DMA-supported, asynchronous transfers of serial
data. A UART port includes support for five to eight data bits,
and none, even, or odd parity. Optionally, an additional address
bit can be transferred to interrupt only addressed nodes in
multi-drop bus (MDB) systems. A frame is terminates by one,
one and a half, two or two and a half stop bits.
The UART ports support automatic hardware flow control
through the Clear To Send (CTS) input and Request To Send
(RTS) output with programmable assertion FIFO levels.
To help support the Local Interconnect Network (LIN) proto-
cols, a special command causes the transmitter to queue a break
command of programmable bit length into the transmit buffer.
Similarly, the number of stop bits can be extended by a pro-
grammable inter-frame space.
The capabilities of the UARTs are further extended with sup-
port for the Infrared Data Association (IrDA®) serial infrared
physical layer link specification (SIR) protocol.
TWI Controller Interface
The processors include a 2-wire interface (TWI) module for
providing a simple exchange method of control data between
multiple devices. The TWI module is compatible with the
widely used I2C bus standard. The TWI module offers the
capabilities of simultaneous master and slave operation and
support for both 7-bit addressing and multimedia data arbitra-
tion. The TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400k bits/sec. The TWI interface pins are compati-
ble with 5 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.
Removable Storage Interface (RSI)
The removable storage interface (RSI) controller acts as the host
interface for multimedia cards (MMC), secure digital memory
cards (SD), secure digital input/output cards (SDIO). The fol-
lowing list describes the main features of the RSI controller.
• Support for a single MMC, SD memory, SDIO card
• Support for 1-bit and 4-bit SD modes
• Support for 1-bit, 4-bit, and 8-bit MMC modes
• Support for eMMC 4.3 embedded NAND flash devices
• A ten-signal external interface with clock, command, and
up to eight data lines
• Card interface clock generation from SCLK0
• SDIO interrupt and read wait features
Controller Area Network (CAN)
A CAN controller implements the CAN 2.0B (active) protocol.
This protocol is an asynchronous communications protocol
used in both industrial and automotive control systems. The
CAN protocol is well suited for control applications due to its
capability to communicate reliably over a network. This is
because the protocol incorporates CRC checking, message error
tracking, and fault node confinement.
The CAN controller offers the following features:
• 32 mailboxes (8 receive only, 8 transmit only, 16 configu-
rable for receive or transmit).
• Dedicated acceptance masks for each mailbox.
• Additional data filtering on first two bytes.
• Support for both the standard (11-bit) and extended (29-
bit) identifier (ID) message formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com