Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 17Page - Analog Devices ADSP-BF607 Datasheet HTML 18Page - Analog Devices ADSP-BF607 Datasheet HTML 19Page - Analog Devices ADSP-BF607 Datasheet HTML 20Page - Analog Devices ADSP-BF607 Datasheet HTML 21Page - Analog Devices ADSP-BF607 Datasheet HTML 22Page - Analog Devices ADSP-BF607 Datasheet HTML 23Page - Analog Devices ADSP-BF607 Datasheet HTML 24Page - Analog Devices ADSP-BF607 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
Rev. 0
|
Page 21 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
RSI_CLK
Output
Clock The clock signal applied to the connected device from the RSI.
RSI_CMD
I/O
Command Used to send commands to and receive responses from the connected device.
RSI_Dn
I/O
Data n Bidirectional data bus.
SMC_ABEn
Output
Byte Enable n Indicate whether the lower or upper byte of a memory is being accessed. When an
asynchronous write is made to the upper byte of a 16-bit memory, SMC_ABE1 =0 and SMC_ABE0 =1.
When an asynchronous write is made to the lower byte of a 16-bit memory, SMC_ABE1 =1 and
SMC_ABE0 =0.
SMC_AMSn
Output
Memory Select n Typically connects to the chip select of a memory device.
SMC_Ann
Output
Address n Address bus.
SMC_AOE
Output
Output Enable Asserts at the beginning of the setup period of a read access.
SMC_ARDY
Input
Asynchronous Ready Flow control signal used by memory devices to indicate to the SMC when further
transactions may proceed.
SMC_ARE
Output
Read Enable Asserts at the beginning of a read access.
SMC_AWE
Output
Write Enable Asserts for the duration of a write access period.
SMC_BG
Output
Bus Grant Output used to indicate to an external device that it has been granted control of the SMC
buses.
SMC_BGH
Output
Bus Grant Hang Output used to indicate that the SMC has a pending transaction which requires control
of the bus to be restored before it can be completed.
SMC_BR
Input
Bus Request Input used by an external device to indicate that it is requesting control of the SMC buses.
SMC_Dnn
I/O
Data n Bidirectional data bus.
SMC_NORCLK
Output
NOR Clock Clock for synchronous burst mode.
SMC_NORDV
Output
NOR Data Valid Asserts for the duration of a synchronous burst mode read setup period.
SMC_NORWT
Input
NOR Wait Flow control signal used by memory devices in synchronous burst mode to indicate to the
SMC when further transactions may proceed.
SPI_CLK
I/O
Clock Input in slave mode, output in master mode.
SPI_D2
I/O
Data 2 Used to transfer serial data in quad mode. Open drain in ODM mode.
SPI_D3
I/O
Data 3 Used to transfer serial data in quad mode. Open drain in ODM mode.
SPI_MISO
I/O
Master In, Slave Out Used to transfer serial data. Operates in the same direction as SPI_MOSI in dual
and quad modes. Open drain in ODM mode.
SPI_MOSI
I/O
Master Out, Slave In Used to transfer serial data. Operates in the same direction as SPI_MISO in dual
and quad modes. Open drain in ODM mode.
SPI_RDY
I/O
Ready Optional flow signal. Output in slave mode, input in master mode.
SPI_SELn
Output
Slave Select Output n Used in master mode to enable the desired slave.
SPI_SS
Input
Slave Select Input Slave mode: acts as the slave select input. Master mode: optionally serves as an error
detection input for the SPI when there are multiple masters.
SPT_ACLK
I/O
Channel A Clock Data and frame sync are driven/sampled with respect to this clock. This signal can be
either internally or externally generated.
SPT_AD0
I/O
Channel A Data 0 Primary bidirectional data I/O. This signal can be configured as an output to transmit
serial data, or as an input to receive serial data.
SPT_AD1
I/O
Channel A Data 1 Secondary bidirectional data I/O. This signal can be configured as an output to
transmit serial data, or as an input to receive serial data.
SPT_AFS
I/O
Channel A Frame Sync The frame sync pulse initiates shifting of serial data. This signal is either
generated internally or externally.
SPT_ATDV
Output
Channel A Transmit Data Valid This signal is optional and only active when SPORT is configured in
multi-channel transmit mode. It is asserted during enabled slots.
SPT_BCLK
I/O
Channel B Clock Data and frame sync are driven/sampled with respect to this clock. This signal can be
either internally or externally generated.
SPT_BD0
I/O
Channel B Data 0 Primary bidirectional data I/O. This signal can be configured as an output to transmit
serial data, or as an input to receive serial data.
Table 6. Detailed Signal Descriptions (Continued)
Signal Name
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com