Electronic Components Datasheet Search
  English  ▼

X  

ADSP-BF607 Datasheet(PDF) 61 Page - Analog Devices

Part # ADSP-BF607
Description  Blackfin Dual Core Embedded Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF607 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADSP-BF607 Datasheet HTML 57Page - Analog Devices ADSP-BF607 Datasheet HTML 58Page - Analog Devices ADSP-BF607 Datasheet HTML 59Page - Analog Devices ADSP-BF607 Datasheet HTML 60Page - Analog Devices ADSP-BF607 Datasheet HTML 61Page - Analog Devices ADSP-BF607 Datasheet HTML 62Page - Analog Devices ADSP-BF607 Datasheet HTML 63Page - Analog Devices ADSP-BF607 Datasheet HTML 64Page - Analog Devices ADSP-BF607 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
Rev. 0
|
Page 61 of 112
|
June 2013
ADSP-BF606/ADSP-BF607/ADSP-BF608/ADSP-BF609
Asynchronous Read
Table 28. Asynchronous Memory Read (BxMODE = b#00)
VDD_EXT
1.8 V/3.3V Nominal
Parameter
Min
Max
Unit
Timing Requirements
tSDATARE
DATA in Setup Before SMC0_ARE High
8.2
ns
tHDATARE
DATA in Hold After SMC0_ARE High
0
ns
tDARDYARE
SMC0_ARDY Valid After SMC0_ARE Low1, 2
(RAT – 2.5) × tSCLK0 – 17.5
ns
Switching Characteristics
tADDRARE
SMC0_Ax/SMC0_AMSx Assertion Before SMC0_
ARE Low
3
(PREST + RST + PREAT) × tSCLK0 – 2
ns
tAOEARE
SMC0_AOE Assertion Before SMC0_ARE Low
(RST + PREAT) × tSCLK0 – 2
ns
tHARE
Output
4 Hold After SMC0_ARE High5
RHT × tSCLK0 –2
ns
tWARE
SMC0_ARE Active Low Width
6
RAT × tSCLK0 – 2
ns
tDAREARDY
SMC0_ARE High Delay After SMC0_ARDY
Assertion
1
2.5 × tSCLK0
3.5 × tSCLK0 + 17.5
ns
1 SMC0_BxCTL.ARDYEN bit = 1.
2 RAT value set using the SMC_BxTIM.RAT bits.
3 PREST, RST, and PREAT values set using the SMC_BxETIM.PREST bits, SMC_BxTIM.RST bits, and the SMC_BxETIM.PREAT bits.
4 Output signals are SMC0_Ax, SMC0_AMS, SMC0_AOE, SMC0_ABEx.
5 RHT value set using the SMC_BxTIM.RHT bits.
6 SMC0_BxCTL.ARDYEN bit = 0.
Figure 12. Asynchronous Read
SMC0_ARE
SMC0_AMSx
SMC0_Ax
tWARE
SMC0_AOE
SMC0_Dx (DATA)
SMC0_ARDY
tAOEARE
tADDRARE
tDARDYARE
tHARE
tHDATARE
tDAREARDY
tSDATARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com