Electronic Components Datasheet Search
  English  ▼

X  

IO251PDB6V2 Datasheet(PDF) 40 Page - Microsemi Corporation

Part # IO251PDB6V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO251PDB6V2 Datasheet(HTML) 40 Page - Microsemi Corporation

Back Button IO251PDB6V2 Datasheet HTML 36Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 37Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 38Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 39Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 40Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 41Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 42Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 43Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 44Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-26
Revision 3
Table 2-27 • Summary of Maximum and Minimum DC Input Levels
Applicable to Military Conditions
DC I/O Standard
Military1
IIL2
IIH3
µA
µA
3.3 V LVTTL / 3.3 V LVCMOS
15
15
3.3 V LVCMOS Wide Range
15
15
2.5 V LVCMOS
15
15
1.8 V LVCMOS
15
15
1.5 V LVCMOS
15
15
1.2 V LVCMOS4
15
15
1.2 V LVCMOS Wide Range4
15
15
3.3 V PCI
15
15
3.3 V PCI-X
15
15
3.3 V GTL
15
15
2.5 V GTL
15
15
3.3 V GTL+
15
15
2.5 V GTL+
15
15
HSTL (I)
15
15
HSTL (II)
15
15
SSTL2 (I)
15
15
SSTL2 (II)
15
15
SSTL3 (I)
15
15
SSTL3 (II)
15
15
Notes:
1. Military temperature range: –55°C to 125°C.
2. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
3. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges.
4. Applicable to Military A3PE600L and A3PE3000L devices operating at VCCI ≥ VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com