Electronic Components Datasheet Search
  English  ▼

X  

IO251PDB6V2 Datasheet(PDF) 75 Page - Microsemi Corporation

Part # IO251PDB6V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO251PDB6V2 Datasheet(HTML) 75 Page - Microsemi Corporation

Back Button IO251PDB6V2 Datasheet HTML 71Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 72Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 73Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 74Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 75Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 76Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 77Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 78Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 79Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-61
Table 2-89 • 1.8 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
9.50
0.05
1.44
0.45
9.68
8.31
3.06
1.76
12.14
10.77
ns
–1
0.54
8.08
0.04
1.23
0.39
8.23
7.07
2.60
1.50
10.32
9.16
ns
4 mA
Std.
0.63
7.80
0.05
1.44
0.45
7.95
7.06
3.55
3.01
10.41
9.52
ns
–1
0.54
6.64
0.04
1.23
0.39
6.76
6.00
3.02
2.56
8.85
8.10
ns
6 mA
Std.
0.63
6.70
0.05
1.44
0.45
6.82
6.25
3.89
3.60
9.28
8.70
ns
–1
0.54
5.70
0.04
1.23
0.39
5.80
5.31
3.31
3.06
7.90
7.40
ns
8 mA
Std.
0.63
6.31
0.05
1.44
0.45
6.43
6.07
3.97
3.75
8.89
8.53
ns
–1
0.54
5.37
0.04
1.23
0.39
5.47
5.17
3.37
3.19
7.56
7.26
ns
12 mA
Std.
0.63
6.18
0.05
1.44
0.45
6.30
6.15
4.08
4.34
8.76
8.61
ns
–1
0.54
5.26
0.04
1.23
0.39
5.36
5.23
3.47
3.70
7.45
7.32
ns
16 mA
Std.
0.63
6.18
0.05
1.44
0.45
6.30
6.15
4.08
4.34
8.76
8.61
ns
–1
0.54
5.26
0.04
1.23
0.39
5.36
5.23
3.47
3.70
7.45
7.32
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-90 • 1.8 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
4.40
0.05
1.34
0.45
4.48
4.30
3.05
1.82
6.94
6.76
ns
–1
0.54
3.74
0.04
1.14
0.39
3.81
3.66
2.59
1.55
5.90
5.75
ns
4 mA
Std.
0.63
3.44
0.05
1.34
0.45
3.50
3.23
3.54
3.12
5.96
5.69
ns
–1
0.54
2.92
0.04
1.14
0.39
2.98
2.75
3.01
2.66
5.07
4.84
ns
6 mA
Std.
0.63
3.02
0.05
1.34
0.45
3.07
2.70
3.88
3.72
5.53
5.16
ns
–1
0.54
2.57
0.04
1.14
0.39
2.61
2.30
3.30
3.16
4.71
4.39
ns
8 mA
Std.
0.63
2.94
0.05
1.34
0.45
2.99
2.60
3.96
3.87
5.45
5.06
ns
–1
0.54
2.50
0.04
1.14
0.39
2.54
2.21
3.37
3.30
4.64
4.31
ns
12 mA
Std.
0.63
2.93
0.05
1.34
0.45
2.98
2.49
4.07
4.49
5.44
4.95
ns
–1
0.54
2.49
0.04
1.14
0.39
2.54
2.12
3.46
3.82
4.63
4.21
ns
16 mA
Std.
0.63
2.93
0.05
1.34
0.45
2.98
2.49
4.07
4.49
5.44
4.95
ns
–1
0.54
2.49
0.04
1.14
0.39
2.54
2.12
3.46
3.82
4.63
4.21
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com