Electronic Components Datasheet Search
  English  ▼

X  

IO251PDB6V2 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # IO251PDB6V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO251PDB6V2 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button IO251PDB6V2 Datasheet HTML 6Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 7Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 8Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 9Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 10Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 11Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 12Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 13Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 212 page
background image
Military ProASIC3/EL Device Family Overview
1-4
Revision 3
In addition, extensive on-chip programming circuitry allows for rapid, single-voltage (3.3 V) programming
of military ProASIC3/EL devices via an IEEE 1532 JTAG interface.
Figure 1-1 • Military ProASIC3 Device Architecture Overview with Four I/O Banks (A3P250 and A3P1000)
Figure 1-2 • Military ProASIC3EL Device Architecture Overview (A3PE600L and A3PE3000L)
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block
VersaTile
CCC
I/Os
ISP AES
Decryption
User Nonvolatile
FlashROM
Charge Pumps
Bank 0
Bank 2
4,608-Bit Dual-Port SRAM
or FIFO Block
VersaTile
RAM Block
CCC
Pro I/Os
4,608-Bit Dual-Port SRAM
or FIFO Block
RAM Block
ISP AES
Decryption*
User Nonvolatile
FlashRom
Flash*Freeze
Technology
Charge
Pumps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com