Electronic Components Datasheet Search
  English  ▼

X  

IO251PDB6V2 Datasheet(PDF) 58 Page - Microsemi Corporation

Part # IO251PDB6V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO251PDB6V2 Datasheet(HTML) 58 Page - Microsemi Corporation

Back Button IO251PDB6V2 Datasheet HTML 54Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 55Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 56Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 57Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 58Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 59Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 60Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 61Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 62Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-44
Revision 3
Table 2-55 • 3.3 V LVTTL / 3.3 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
5.64
0.05
1.10
0.45
5.74
4.78
2.50
2.43
8.20
7.24
ns
–1
0.54
4.79
0.04
0.94
0.39
4.88
4.06
2.13
2.07
6.98
6.16
ns
6 mA
Std.
0.63
4.64
0.05
1.10
0.45
4.73
4.16
2.84
3.01
7.19
6.62
ns
–1
0.54
3.95
0.04
0.94
0.39
4.02
3.54
2.42
2.56
6.11
5.63
ns
8 mA
Std.
0.63
4.64
0.05
1.10
0.45
4.73
4.16
2.84
3.01
7.19
6.62
ns
–1
0.54
3.95
0.04
0.94
0.39
4.02
3.54
2.42
2.56
6.11
5.63
ns
12 mA
Std.
0.63
3.94
0.05
1.10
0.45
4.01
3.67
3.07
3.39
6.47
6.13
ns
–1
0.54
3.35
0.04
0.94
0.39
3.41
3.12
2.61
2.88
5.51
5.21
ns
16 mA
Std.
0.63
3.94
0.05
1.10
0.45
4.01
3.67
3.07
3.39
6.47
6.13
ns
–1
0.54
3.35
0.04
0.94
0.39
3.41
3.12
2.61
2.88
5.51
5.21
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-56 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
3.07
0.05
1.10
0.45
3.13
2.46
2.50
2.57
5.59
4.91
ns
–1
0.54
2.61
0.04
0.94
0.39
2.66
2.09
2.13
2.19
4.75
4.18
ns
6 mA
Std.
0.63
2.51
0.05
1.10
0.45
2.55
1.97
2.84
3.16
5.01
4.43
ns
–1
0.54
2.13
0.04
0.94
0.39
2.17
1.67
2.41
2.69
4.26
3.76
ns
8 mA
Std.
0.63
2.51
0.05
1.10
0.45
2.55
1.97
2.84
3.16
5.01
4.43
ns
–1
0.54
2.13
0.04
0.94
0.39
2.17
1.67
2.41
2.69
4.26
3.76
ns
12 mA
Std.
0.63
2.24
0.05
1.10
0.45
2.28
1.72
3.07
3.54
4.74
4.18
ns
–1
0.54
1.90
0.04
0.94
0.39
1.94
1.47
2.61
3.01
4.03
3.56
ns
16 mA
Std.
0.63
2.24
0.05
1.10
0.45
2.28
1.72
3.07
3.54
4.74
4.18
ns
–1
0.54
1.90
0.04
0.94
0.39
1.94
1.47
2.61
3.01
4.03
3.56
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com