Electronic Components Datasheet Search
  English  ▼

X  

IO251PDB6V2 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # IO251PDB6V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO251PDB6V2 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button IO251PDB6V2 Datasheet HTML 65Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 66Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 67Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 68Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 69Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 70Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 71Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 72Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-55
Table 2-77 • 2.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
7.07
0.05
1.44
0.45
7.20
6.32
2.95
2.43
9.66
8.78
ns
–1
0.54
6.02
0.04
1.23
0.39
6.13
5.38
2.51
2.06
8.22
7.47
ns
6 mA
Std.
0.63
5.91
0.05
1.44
0.45
6.02
5.42
3.35
3.18
8.48
7.88
ns
–1
0.54
5.03
0.04
1.23
0.39
5.12
4.61
2.85
2.70
7.21
6.70
ns
8 mA
Std.
0.63
5.91
0.05
1.44
0.45
6.02
5.42
3.35
3.18
8.48
7.88
ns
–1
0.54
5.03
0.04
1.23
0.39
5.12
4.61
2.85
2.70
7.21
6.70
ns
12 mA
Std.
0.63
5.05
0.05
1.44
0.45
5.15
4.79
3.63
3.66
7.61
7.25
ns
–1
0.54
4.30
0.04
1.23
0.39
4.38
4.07
3.09
3.11
6.47
6.17
ns
16 mA
Std.
0.63
4.78
0.05
1.44
0.45
4.86
4.65
3.70
3.78
7.32
7.10
ns
–1
0.54
4.06
0.04
1.23
0.39
4.14
3.95
3.14
3.22
6.23
6.04
ns
24 mA
Std.
0.63
4.71
0.05
1.44
0.45
4.73
4.71
3.78
4.26
7.19
7.17
ns
–1
0.54
4.01
0.04
1.23
0.39
4.03
4.01
3.21
3.62
6.12
6.10
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-78 • 2.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.63
3.63
0.05
1.44
0.45
3.70
3.34
2.94
2.53
6.16
5.80
ns
–1
0.54
3.09
0.04
1.23
0.39
3.15
2.84
2.51
2.16
5.24
4.94
ns
6 mA
Std.
0.63
2.99
0.05
1.44
0.45
3.04
2.59
3.35
3.30
5.50
5.05
ns
–1
0.54
2.54
0.04
1.23
0.39
2.59
2.20
2.85
2.81
4.68
4.30
ns
8 mA
Std.
0.63
2.99
0.05
1.44
0.45
3.04
2.59
3.35
3.30
5.50
5.05
ns
–1
0.54
2.54
0.04
1.23
0.39
2.59
2.20
2.85
2.81
4.68
4.30
ns
12 mA
Std.
0.63
2.65
0.05
1.44
0.45
2.70
2.23
3.63
3.78
5.16
4.69
ns
–1
0.54
2.26
0.04
1.23
0.39
2.30
1.89
3.09
3.22
4.39
3.99
ns
16 mA
Std.
0.63
2.59
0.05
1.44
0.45
2.64
2.16
3.70
3.90
5.10
4.62
ns
–1
0.54
2.21
0.04
1.23
0.39
2.25
1.83
3.15
3.32
4.34
3.93
ns
24 mA
Std.
0.63
2.61
0.05
1.44
0.45
2.66
2.08
3.78
4.40
5.12
4.54
ns
–1
0.54
2.22
0.04
1.23
0.39
2.26
1.77
3.22
3.74
4.35
3.87
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com