Electronic Components Datasheet Search
  English  ▼

X  

IO251PDB6V2 Datasheet(PDF) 163 Page - Microsemi Corporation

Part # IO251PDB6V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO251PDB6V2 Datasheet(HTML) 163 Page - Microsemi Corporation

Back Button IO251PDB6V2 Datasheet HTML 159Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 160Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 161Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 162Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 163Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 164Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 165Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 166Page - Microsemi Corporation IO251PDB6V2 Datasheet HTML 167Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-149
JTAG 1532 Characteristics
JTAG timing delays do not include JTAG I/Os. To obtain complete JTAG timing, add I/O buffer delays to
the corresponding standard selected; refer to the I/O timing characteristics in the "User I/O
Characteristics" section on page 2-20 for more details.
Timing Characteristics
Table 2-219 • JTAG 1532
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V for A3PE600L and
A3PE3000L
Parameter
Description
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.80
0.94
ns
tDIHD
Test Data Input Hold Time
1.60
1.88
ns
tTMSSU
Test Mode Select Setup Time
0.80
0.94
ns
tTMDHD
Test Mode Select Hold Time
1.60
1.88
ns
tTCK2Q
Clock to Q (data out)
6.39
7.52
ns
tRSTB2Q
Reset to Q (data out)
26.63
31.33
ns
FTCKMAX
TCK Maximum Frequency
18.70
15.90
MHz
tTRSTREM
ResetB Removal Time
0.48
0.56
ns
tTRSTREC
ResetB Recovery Time
0.00
0.00
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.
Table 2-220 • JTAG 1532
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V for All Dies
Parameter
Description
–1
Std.
Units
tDISU
Test Data Input Setup Time
0.60
0.71
ns
tDIHD
Test Data Input Hold Time
1.21
1.42
ns
tTMSSU
Test Mode Select Setup Time
0.60
0.71
ns
tTMDHD
Test Mode Select Hold Time
1.21
1.42
ns
tTCK2Q
Clock to Q (data out)
6.04
7.10
ns
tRSTB2Q
Reset to Q (data out)
24.15
28.41
ns
FTCKMAX
TCK Maximum Frequency
22.00
19.00
MHz
tTRSTREM
ResetB Removal Time
0.00
0.00
ns
tTRSTREC
ResetB Recovery Time
0.24
0.28
ns
tTRSTMPW
ResetB Minimum Pulse
TBD
TBD
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com