Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology LTC3548 Datasheet HTML 10Page - Linear Technology LTC3548 Datasheet HTML 11Page - Linear Technology LTC3548 Datasheet HTML 12Page - Linear Technology LTC3548 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3548
9
3548fc
APPLICATIONS INFORMATION
tantalum capacitors are all available in surface mount
packages. The OS-CON semiconductor dielectric capacitor
available from Sanyo has the lowest ESR (size) product
of any aluminum electrolytic at a somewhat higher price.
Special polymer capacitors, such as Sanyo POSCAP,
Panasonic Special Polymer (SP), and Kemet A700, of-
fer very low ESR, but have a lower capacitance density
than other types. Tantalum capacitors have the highest
capacitance density, but they have a larger ESR and it
is critical that the capacitors are surge tested for use in
switching power supplies. An excellent choice is the AVX
TPS series of surface mount tantalums, available in case
heights ranging from 2mm to 4mm. Aluminum electrolytic
capacitors have a significantly larger ESR, and are often
used in extremely cost-sensitive applications provided that
consideration is given to ripple current ratings and long
term reliability. Ceramic capacitors have the lowest ESR
and cost, but also have the lowest capacitance density,
a high voltage and temperature coefficient, and exhibit
audible piezoelectric effects. In addition, the high Q of
ceramic capacitors along with trace inductance can lead
to significant ringing.
In most cases, 0.1μF to 1μF of ceramic capacitors should
also be placed close to the LTC3548 in parallel with the
main capacitors for high frequency decoupling.
Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now be-
coming available in smaller case sizes. These are tempting
for switching regulator use because of their very low ESR.
Unfortunately, the ESR is so low that it can cause loop
stability problems. Solid tantalum capacitor ESR generates
a loop “zero” at 5kHz to 50kHz that is instrumental in giving
acceptable loop phase margin. Ceramic capacitors remain
capacitive to beyond 300kHz and usually resonate with their
Figure 2. LTC3548 General Schematic
RUN2
VIN
VIN = 2.5V
TO 5.5V
VOUT2
VOUT1
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548
CIN
R5
POWER-ON
RESET
C4
C5
L1
L2
R4
R2
R1
R3
COUT2
COUT1
3548 F02
PS*
BM*
*MODE/SYNC = 0V: PULSE SKIP
MODE/SYNC = VIN: Burst Mode
ESL before ESR becomes effective. Also, ceramic caps are
prone to temperature effects which requires the designer
to check loop stability over the operating temperature
range. To minimize their large temperature and voltage
coefficients, only X5R or X7R ceramic capacitors should
be used. A good selection of ceramic capacitors is available
from Taiyo Yuden, AVX, Kemet, TDK and Murata.
Great care must be taken when using only ceramic input
and output capacitors. When a ceramic capacitor is used
at the input and the power is being supplied through long
wires, such as from a wall adapter, a load step at the output
can induce ringing at the VIN pin. At best, this ringing can
couple to the output and be mistaken as loop instability.
At worst, the ringing at the input can be large enough to
damage the part.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement. During a load step, the output capacitor must
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. The time required for the feedback
loop to respond is dependent on the compensation and the
output capacitor size. Typically, 3 to 4 cycles are required to
respond to a load step, but only in the first cycle does the
output drop linearly. The output droop, VDROOP, is usually
about 2 to 3 times the linear drop of the first cycle. Thus,
a good place to start is with the output capacitor size of
approximately: More capacitance may be required depend-
ing on the duty cycle and load step requirements.
In most applications, the input capacitor is merely required
to supply high frequency bypassing, since the impedance
to the supply is very low. A 10μF ceramic capacitor is
usually enough for these conditions.
Setting the Output Voltage
The LTC3548 develops a 0.6V reference voltage between
the feedback pin, VFB, and the ground as shown in
Figure 2. The output voltage is set by a resistive divider
according to the following formula:
V
OUT = 0.6V
1
+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
Keeping the current small (<5μA) in these resistors maxi-
mizes efficiency, but making them too small may allow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com