Electronic Components Datasheet Search
  English  ▼

X  

LTC3548 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3548
Description  Dual Synchronous, 400mA/800mA, 2.25MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548 Datasheet(HTML) 1 Page - Linear Technology

  LTC3548 Datasheet HTML 1Page - Linear Technology LTC3548 Datasheet HTML 2Page - Linear Technology LTC3548 Datasheet HTML 3Page - Linear Technology LTC3548 Datasheet HTML 4Page - Linear Technology LTC3548 Datasheet HTML 5Page - Linear Technology LTC3548 Datasheet HTML 6Page - Linear Technology LTC3548 Datasheet HTML 7Page - Linear Technology LTC3548 Datasheet HTML 8Page - Linear Technology LTC3548 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3548
1
3548fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
■
PDAs/Palmtop PCs
■
Digital Cameras
■
Cellular Phones
■
Portable Media Players
■
PC Cards
■
Wireless and DSL Modems
n
High Efficiency: Up to 95%
n
Very Low Quiescent Current: Only 40μA
n
Low Output Ripple Burst Mode® Operation
n
2.25MHz Constant-Frequency Operation
n
High Switch Current: 0.7A and 1.2A
n
No Schottky Diodes Required
n
Low RDS(ON) Internal Switches: 0.35Ω
n
Current Mode Operation for Excellent Line
and Load Transient Response
n
Short-Circuit Protected
n
Low Dropout Operation: 100% Duty Cycle
n
Ultralow Shutdown Current: IQ < 1μA
n
Output Voltages from 5V down to 0.6V
n
Power-On Reset Output
n
Externally Synchronizable Oscillator
n
Small Thermally Enhanced MSOP and 3mm
× 3mm
DFN Packages
Dual Synchronous,
400mA/800mA, 2.25MHz
Step-Down DC/DC Regulator
The LTC®3548 is a dual, constant-frequency, synchronous
step down DC/DC converter. Intended for low power ap-
plications, it operates from 2.5V to 5.5V input voltage
range and has a constant 2.25MHz switching frequency,
allowing the use of tiny, low cost capacitors and inductors
with a profile ≤1mm. Each output voltage is adjustable
from 0.6V to 5V. Internal synchronous 0.35Ω, 0.7A/1.2A
power switches provide high efficiency without the need
for external Schottky diodes.
A user selectable mode input is provided to allow the user
to trade-off noise ripple for low power efficiency. Burst
Mode operation provides high efficiency at light loads,
while pulse-skipping mode provides low noise ripple at
light loads.
To further maximize battery runtime, the P-channel
MOSFETs are turned on continuously in dropout (100%
duty cycle), and both channels draw a total quiescent cur-
rent of only 40μA. In shutdown, the device draws <1μA.
Figure 1. 2.5V/1.8V at 400mA/800mA Step-Down Regulators
RUN2
VIN
VIN = 2.8V
TO 5.5V
VOUT2 = 2.5V
AT 400mA
VOUT1 = 1.8V
AT 800mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548
10μF
100k
RESET
33pF
68pF
2.2μH
4.7μH
887k
604k
301k
280k
4.7μF
10μF
3548 TA01
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
1000
100
10
1
0.1
10
100
1000
3548 TA02
VIN = 3.3V, VOUT = 1.8V
Burst Mode OPERATION
CHANNEL 1, NO LOAD ON CHANNEL 2
POWER LOSS
EFFICIENCY
LTC3548 Efficiency Curve
L, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents, including 5481178, 6127815, 6304066, 6498466, 6580258
6611131..


Similar Part No. - LTC3548

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
350Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching
LTC3548 LINER-LTC3548 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3548 LINER-LTC3548 Datasheet
210Kb / 20P
2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com